Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV571DW Datasheet(PDF) 18 Page - Texas Instruments

Part # TLV571DW
Description  2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV571DW Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLV571DW Datasheet HTML 14Page - Texas Instruments TLV571DW Datasheet HTML 15Page - Texas Instruments TLV571DW Datasheet HTML 16Page - Texas Instruments TLV571DW Datasheet HTML 17Page - Texas Instruments TLV571DW Datasheet HTML 18Page - Texas Instruments TLV571DW Datasheet HTML 19Page - Texas Instruments TLV571DW Datasheet HTML 20Page - Texas Instruments TLV571DW Datasheet HTML 21Page - Texas Instruments TLV571DW Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
TLV571
2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT,
PARALLEL ANALOG-TO-DIGITAL CONVERTER
SLAS239A – SEPTEMBER 1999 – REVISED FEBRUARY 2000
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, supply
voltages, and reference voltages (unless otherwise noted) (continued)
ac specifications, AVDD = DVDD = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Signal to noise ratio SNR
fI = 100 kHz,
fs = 1.25 MSPS, AVDD = 5 V
47
49
dB
Signal-to-noise ratio, SNR
I
,
80% of FS
fs = 625 KSPS, AVDD = 3 V
47
49
dB
Signal to noise ratio + distortion SINAD
fI = 100 kHz,
fs = 1.25 MSPS, AVDD = 5 V
47
49
dB
Signal-to-noise ratio + distortion, SINAD
I
,
80% of FS
fs = 625 KSPS, AVDD = 3 V
47
49
dB
Total harmonic distortion THD
fI = 100 kHz,
fs = 1.25 MSPS, AVDD = 5 V
–64
–52
dB
Total harmonic distortion, THD
I
,
80% of FS
fs = 625 KSPS, AVDD = 3 V
–62
–52
dB
Effective number of bits ENOB
fI = 100 kHz,
fs = 1.25 MSPS, AVDD = 5 V
7.5
7.9
Bits
Effective number of bits, ENOB
I
,
80% of FS
fs = 625 KSPS, AVDD = 3 V
7.5
7.9
Bits
Spurious free dynamic range SFDR
fI = 100 kHz,
fs = 1.25 MSPS, AVDD = 5 V
–65
–51
dB
Spurious free dynamic range, SFDR
I
,
80% of FS
fs = 625 KSPS, AVDD = 3 V
–64
–51
dB
Analog input
Full power bandwidth
–1 dB
Full-scale 0 dB input sine wave
12
18
MHz
Full-power bandwidth
–3 dB
Full-scale 0 dB input sine wave
30
MHz
Small-signal bandwidth
–1 dB
–20 dB input sine wave
15
20
MHz
Small-signal bandwidth
–3 dB
–20 dB input sine wave
35
MHz
Sampling rate fs
AVDD = 4.5 V to 5.5 V
0.0625
1.25
MSPS
Sam ling rate, fs
AVDD = 2.7 V to 3.3 V
0.0625
0.625
MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com