Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV5633CDWRG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV5633CDWRG4
Description  2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5633CDWRG4 Datasheet(HTML) 5 Page - Texas Instruments

  TLV5633CDWRG4 Datasheet HTML 1Page - Texas Instruments TLV5633CDWRG4 Datasheet HTML 2Page - Texas Instruments TLV5633CDWRG4 Datasheet HTML 3Page - Texas Instruments TLV5633CDWRG4 Datasheet HTML 4Page - Texas Instruments TLV5633CDWRG4 Datasheet HTML 5Page - Texas Instruments TLV5633CDWRG4 Datasheet HTML 6Page - Texas Instruments TLV5633CDWRG4 Datasheet HTML 7Page - Texas Instruments TLV5633CDWRG4 Datasheet HTML 8Page - Texas Instruments TLV5633CDWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
OPERATING CHARACTERISTICS
TLV5633C
TLV5633I
SLAS190C – MARCH 1999 – REVISED SEPTEMBER 2006
over recommended operating free-air temperature range, V
ref = 2.048 V, Vref = 1.024 V (unless otherwise noted)
REFERENCE PIN CONFIGURED AS OUTPUT (REF)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Vref(OUTL)
Low reference voltage
1.003
1.024
1.045
V
Vref(OUTH)
High reference voltage
AVDD = DVDD > 4.75 V
2.027
2.048
2.069
V
Iref(source)
Output source current
1
mA
Iref(sink)
Output sink current
-1
mA
PSRR
Power supply rejection ratio
-48
dB
REFERENCE PIN CONFIGURED AS INPUT (REF)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI
Input voltage
0
AVDD-1.5
V
RI
Input resistance
10
M
Ω
CI
Input capacitance
5
pF
Fast
900
Reference input bandwidth
REF = 0.2 Vpp + 1.024 V dc
kHz
Slow
500
Fast
-87
10 kHz
dB
Slow
-77
REF = 1 Vpp + 2.048 V dc,
Harmonic distortion, reference input
Fast
-74
AVDD = 5 V
50 kHz
dB
Slow
-61
100 kHz
Fast
-66
dB
Reference feedthrough
REF = 1 Vpp at 1 kHz + 1.024 V dc (1)
-80
dB
DIGITAL INPUTS
IIH
High-level digital input current
VI = DVDD
1
µA
IIL
Low-level digital input current
VI = 0 V
-1
µA
CI
Input capacitance
8
pF
(1)
Reference feedthrough is measured at the DAC output with an input code = 0x000.
over recommended operating free-air temperature range, V
ref = 2.048 V, and Vref = 1.024 V, (unless otherwise noted)
ANALOG OUTPUT DYNAMIC PERFORMANCE
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Fast
1
3
ts(FS)
Output settling time, full scale
RL = 10 kΩ, CL = 100 pF (1)
µs
Slow
3.5
7
Fast
0.5
1.5
ts(CC)
Output settling time, code to code
RL = 10 kΩ, CL = 100 pF (2)
µs
Slow
1
2
Fast
6
10
SR
Slew rate
RL = 10 kΩ, CL = 100 pF (3)
V/µs
Slow
1.2
1.7
Glitch energy
DIN = 0 to 1, fCLK = 100 kHz, CS = VDD
5
nV-S
SNR
Signal-to-noise ratio
73
78
SINAD
Signal-to-noise + distortion
61
67
fs = 480 kSPS, fB = 20 kHz, fout = 1 kHz,
dB
RL = 10 kΩ, CL = 100 pF
THD
Total harmonic distortion
-69
-62
SFDR
Spurious free dynamic range
63
74
(1)
Settling time is the time for the output signal to remain within ±0.5 LSB of the final measured value for a digital input code change of
0x020 to 0xFDF or 0xFDF to 0x020 respectively.
(2)
Settling time is the time for the output signal to remain within ±0.5 LSB of the final measured value for a digital input code change of one
count.
(3)
Slew rate determines the time it takes for a change of the DAC output from 10% to 90% full-scale voltage.
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com