Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV5633CDWRG4 Datasheet(PDF) 17 Page - Texas Instruments

Part # TLV5633CDWRG4
Description  2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5633CDWRG4 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLV5633CDWRG4 Datasheet HTML 13Page - Texas Instruments TLV5633CDWRG4 Datasheet HTML 14Page - Texas Instruments TLV5633CDWRG4 Datasheet HTML 15Page - Texas Instruments TLV5633CDWRG4 Datasheet HTML 16Page - Texas Instruments TLV5633CDWRG4 Datasheet HTML 17Page - Texas Instruments TLV5633CDWRG4 Datasheet HTML 18Page - Texas Instruments TLV5633CDWRG4 Datasheet HTML 19Page - Texas Instruments TLV5633CDWRG4 Datasheet HTML 20Page - Texas Instruments TLV5633CDWRG4 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
www.ti.com
DEFINITIONS OF SPECIFICATIONS AND TERMINOLOGY
Integral Nonlinearity (INL)
Differential Nonlinearity (DNL)
Zero-Scale Error (EZS)
Gain Error (EG)
Signal-To-Noise Ratio + Distortion (SINAD)
Spurious Free Dynamic Range (SFDR)
Total Harmonic Distortion (THD)
TLV5633C
TLV5633I
SLAS190C – MARCH 1999 – REVISED SEPTEMBER 2006
The relative accuracy or integral nonlinearity (INL), sometimes referred to as linearity error, is the maximum
deviation of the output from the line between zero and full scale excluding the effects of zero code and full-scale
errors.
The differential nonlinearity (DNL), sometimes referred to as differential error, is the difference between the
measured and ideal 1-LSB amplitude change of any two adjacent codes. Monotonic means the output voltage
changes in the same direction (or remains constant) as a change in the digital input code.
Zero-scale error is defined as the deviation of the output from 0 V at a digital input value of 0.
Gain error is the error in slope of the DAC transfer function.
Signal-to-noise ratio + distortion is the ratio of the rms value of the output signal to the rms sum of all other
spectral components below the Nyquist frequency, including harmonics but excluding dc. The value for SINAD is
expressed in decibels.
Spurious free dynamic range is the difference between the rms value of the output signal and the rms value of
the spurious signal within a specified bandwidth. The value for SFDR is expressed in decibels.
Total harmonic distortion is the ratio of the rms sum of the first six harmonic components to the rms value of the
fundamental signal and is expressed in decibels.
17
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com