Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2470CDBVT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2470CDBVT
Description  FAMILY OF 600-mA/Ch 2.8-MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2470CDBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV2470CDBVT Datasheet HTML 3Page - Texas Instruments TLV2470CDBVT Datasheet HTML 4Page - Texas Instruments TLV2470CDBVT Datasheet HTML 5Page - Texas Instruments TLV2470CDBVT Datasheet HTML 6Page - Texas Instruments TLV2470CDBVT Datasheet HTML 7Page - Texas Instruments TLV2470CDBVT Datasheet HTML 8Page - Texas Instruments TLV2470CDBVT Datasheet HTML 9Page - Texas Instruments TLV2470CDBVT Datasheet HTML 10Page - Texas Instruments TLV2470CDBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
TLV2470, TLV2471, TLV2472, TLV2473, TLV2474, TLV2475, TLV247xA
FAMILY OF 600−
µA/Ch 2.8−MHz RAIL−TO−RAIL INPUT/OUTPUT
HIGH−DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS232C - JUNE 1999 - REVISED AUGUST 2003
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
25
°C
250
2200
TLV247x
Full range
2400
VIO
Input offset voltage
25
°C
250
1600
µV
TLV247xA
Full range
2000
Temperature coefficient of input
°
αVIO
Temperature coefficient of input
offset voltage
VIC = VDD/2,
0.4
µV/°C
VO = VDD/2,
Ω
25
°C
1.7
50
IIO
Input offset current
RS = 50 Ω
TLV247xC
Full range
100
IIO
Input offset current
TLV247xI
Full range
300
25
°C
2.5
50
pA
IIB
Input bias current
TLV247xC
Full range
100
IIB
Input bias current
TLV247xI
Full range
300
25
°C
4.85
4.96
IOH = - 2.5 mA
Full range
4.8
VOH
High-level output voltage
VIC = VDD/2
25
°C
4.72
4.82
V
IOH = - 10 mA
Full range
4.65
25
°C
0.07
0.15
IOL = 2.5 mA
Full range
0.2
VOL
Low-level output voltage
VIC = VDD/2
25
°C
0.178
0.28
V
IOL = 10 mA
Full range
0.35
25
°C
110
Sourcing
Full range
60
25
°C
63
Sourcing,
‡
TLV247xC
Full range
61
Outside of rails‡
TLV247xI
Full range
58
IOS
Short-circuit output current
25
°C
90
mA
Sinking
Full range
60
25
°C
63
Sinking,
‡
TLV247xC
Full range
61
Outside of rails‡
TLV247xI
Full range
58
IO
Output current
VO = 0.5 V from rail
25
°C
±35
mA
Large-signal differential voltage
Ω
25
°C
92
120
AVD
Large-signal differential voltage
amplification
VO(PP) = 3 V,
RL = 10 kΩ
Full range
91
dB
ri(d)
Differential input resistance
25
°C
1012
Ω
CIC
Common-mode input
capacitance
f = 10 kHz
25
°C
18.9
pF
zo
Closed-loop output impedance
f = 10 kHz,
AV = 10
25
°C
1.8
Ω
† Full range is 0
°C to 70°C for C suffix and - 40°C to 125°C for I suffix. If not specified, full range is - 40°C to 125°C.
‡ Depending on package dissipation rating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com