Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2470CDBVT Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2470CDBVT
Description  FAMILY OF 600-mA/Ch 2.8-MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2470CDBVT Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLV2470CDBVT Datasheet HTML 10Page - Texas Instruments TLV2470CDBVT Datasheet HTML 11Page - Texas Instruments TLV2470CDBVT Datasheet HTML 12Page - Texas Instruments TLV2470CDBVT Datasheet HTML 13Page - Texas Instruments TLV2470CDBVT Datasheet HTML 14Page - Texas Instruments TLV2470CDBVT Datasheet HTML 15Page - Texas Instruments TLV2470CDBVT Datasheet HTML 16Page - Texas Instruments TLV2470CDBVT Datasheet HTML 17Page - Texas Instruments TLV2470CDBVT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
TLV2470, TLV2471, TLV2472, TLV2473, TLV2474, TLV2475, TLV247xA
FAMILY OF 600−
µA/Ch 2.8−MHz RAIL−TO−RAIL INPUT/OUTPUT
HIGH−DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS232C - JUNE 1999 - REVISED AUGUST 2003
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 35
RL=10 kΩ
SHUTDOWN FORWARD
ISOLATION
vs
FREQUENCY
f - Frequency - Hz
100
1k
10k
100k
60
40
0
20
80
100
1M
10M
RL=600 Ω
120
VDD = 3 & 5 V
CL=0 pF
AV = 1
VI(PP)=0.1, 1.5, 3 V
Figure 36
RL=10 kΩ
SHUTDOWN REVERSE ISOLATION
vs
FREQUENCY
f - Frequency - Hz
100
1k
10k
100k
60
40
0
20
80
100
1M
10M
RL=600 Ω
120
VDD = 3 & 5 V
RL=10 kΩ
CL=0 pF
AV = 1
VIN=0.1, 1.5, 3 Vp-p
Figure 37
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
TA=125
TA=85
SHUTDOWN SUPPLY CURRENT
vs
SUPPLY VOLTAGE
VDD - Supply Voltage - V
Shutdown On
RL=OPEN
VI=VDD/2
TA=25
TA=-40
Figure 38
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
- 55 - 35 - 15
5
25
45
65
85 105 125
SHUTDOWN SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
TA - Free-Air Temperature - °C
SD MODE Channel 1 & 2
AV = 1
RL= OPEN
VIN=VDD/2
VDD=3 V
VDD=5 V
Figure 39
-1
-2
-4
-3
2
1
3
4
Shutdown Pulse
IDD RL=10 kΩ
SHUTDOWN PULSE CURRENT
vs
TIME
t - Time -
µs
1.25
0.75
- 0.5
0.5
1.5
1.75
2
VDD = 3 V
CL=8 pF
TA=25°C
1
0.25
0
- 0.25
0
-8
-7
-5
-6
0
4
8
1216
2024
28 30
IDD RL=600Ω
Figure 40
-2
-4
2
6
Shutdown Pulse
IDD RL=10 kΩ
SHUTDOWN PULSE CURRENT
vs
TIME
t - Time -
µs
1.25
0.75
- 0.5
0.5
1.5
1.75
2
VDD = 5 V
CL=8 pF
TA=25°C
1
0.25
0
- 0.25
0
-8
-6
04
8
30
24
20
16
12
IDD RL=600 Ω
4
-10
-12
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com