Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF-SERIES Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # CF-SERIES
Description  General Purpose Carbon Film Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

CF-SERIES Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  CF-SERIES Datasheet HTML 1Page - IRC - a TT electronics Company. CF-SERIES Datasheet HTML 2Page - IRC - a TT electronics Company. CF-SERIES Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
General Purpose
Carbon Film Resistors
Electrical Data
CF Series
• High stability performance
• Uniformity of all electrical parameters
• Auto sequencing/insertion compatible
• Ideal for commercial/industrial applications
Environmental Data
Tested per MIL-STD-202
CF 1/8
CF 1/4
CF 1/2
Power Rating (watts) at 70°C
1/8
1/4
1/2
Derated to 0 Load at
155°C
Maximum Working Voltage
200V
250V
350V
Operating Temperature Range
-55°C to +155°C
Resistance Range
(±5%)
1.0
Ω - 22 meg
(±2%)
10
Ω - 1 meg
10
Ω - 4.7 meg
10
Ω - 4.7 meg
CF 1/8
CF 1/4
CF 1/2
Moisture Resistance
<100K ± (3% + 0.05
Ω)
>100K ± (5% + 0.05
Ω)
Thermal Shock
±0.5%
Load life at 70°C - 1000 hours
<100K ± (2% + 0.05
Ω)
<100K ± (3% + 0.05
Ω)
Shock and Vibration
±0.2%
Resistance to Soldering Heat
±0.5%
Terminal Strength
±0.5%
Dielectric Withstand Voltage
300 volts RMS min.
500 volts RMS min.
700 volts RMS min.
Maximum Pulse Voltage
400V
600V
700V
Insulation Resistance
10,000 meg min.
Voltage Coefficient
-10 ppm/Vmax.
Short Time Overload
±0.75%
CF Series Issue August 2008 Sheet 1 of 3


Similar Part No. - CF-SERIES

ManufacturerPart #DatasheetDescription
logo
TXC Corporation.
CF-SERIES TXC-CF-SERIES Datasheet
938Kb / 1P
3.3V and 2.5V operation available.
More results

Similar Description - CF-SERIES

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
GCF WELWYN-GCF Datasheet
474Kb / 3P
GENERAL PURPOSE CARBON FILM RESISTORS
logo
MERITEK ELECTRONICS COR...
CF25103JTR MERITEK-CF25103JTR Datasheet
86Kb / 1P
Carbon Film Resistors
logo
Panasonic Semiconductor
ERD-S1TJ102V PANASONIC-ERD-S1TJ102V Datasheet
221Kb / 7P
Carbon Film Resistors
ERD-S2TJ753V PANASONIC-ERD-S2TJ753V Datasheet
163Kb / 7P
Carbon Film Resistors
logo
UNIOHM CORPORATION
CR-12 UNIOHM-CR-12 Datasheet
4Mb / 3P
Carbon Film Resistors
logo
Panasonic Semiconductor
ERD-S2TJ222V PANASONIC-ERD-S2TJ222V Datasheet
165Kb / 7P
Carbon Film Resistors
logo
NIC-Components Corp.
NCF25J181 NIC-NCF25J181 Datasheet
64Kb / 2P
Carbon Film Resistors
logo
Panasonic Semiconductor
ERD-S2TJ561V PANASONIC-ERD-S2TJ561V Datasheet
165Kb / 7P
Carbon Film Resistors
ERD-S2TJ102V PANASONIC-ERD-S2TJ102V Datasheet
165Kb / 7P
Carbon Film Resistors
logo
TT Electronics.
CF-14102JBLK TTELEC-CF-14102JBLK Datasheet
304Kb / 3P
General Purpose Carbon Film Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com