Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF-SERIES Datasheet(PDF) 3 Page - IRC - a TT electronics Company.

Part # CF-SERIES
Description  General Purpose Carbon Film Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

CF-SERIES Datasheet(HTML) 3 Page - IRC - a TT electronics Company.

  CF-SERIES Datasheet HTML 1Page - IRC - a TT electronics Company. CF-SERIES Datasheet HTML 2Page - IRC - a TT electronics Company. CF-SERIES Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Performance Curves
Sample Part No.
IRC Type
CF
Size
Resistance Value
2 digit range and 1 digit multiplier
Tolerance
G = 2%
J = 5%
K = 10%
Packaging
BLK = Bulk
Ordering Data
CF - 1/4
102
J
BLK
General Purpose
Carbon Film Resistors
Temperature Coefficient (Typical)
Derating Curve (Typical)
Current Noise (Typical)
100
80
60
40
20
0
20
40
Ambient Temperature (°C)
60
120 140 160
0
80
100
-250
-500
-750
-1000
-1250
-1500
-1750
-2000
10
100
1K
10K
100K
1M
10M
Ambient Temperature (°C)
0
-10
-20
-30
-40
100
1K
10K
100K
1M
10M
Resistance (ohms)
1.0
0.32
0.10
0.032
0.010
CF Series Issue August 2008 Sheet 3 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com