Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C44 Datasheet(PDF) 21 Page - Texas Instruments

Part # TMS320C44
Description  DIGITAL SIGNAL PROCESSOR
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C44 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS320C44 Datasheet HTML 17Page - Texas Instruments TMS320C44 Datasheet HTML 18Page - Texas Instruments TMS320C44 Datasheet HTML 19Page - Texas Instruments TMS320C44 Datasheet HTML 20Page - Texas Instruments TMS320C44 Datasheet HTML 21Page - Texas Instruments TMS320C44 Datasheet HTML 22Page - Texas Instruments TMS320C44 Datasheet HTML 23Page - Texas Instruments TMS320C44 Datasheet HTML 24Page - Texas Instruments TMS320C44 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
TMS320C44
DIGITAL SIGNAL PROCESSOR
SPRS031B – AUGUST 1994 – REVISED DECEMBER 1995
21
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
timing for X2 / CLKIN, H1, H3 (see Figure 8 and Figure 9)
NO
TMS320C44- 50
TMS320C44- 60
UNIT
NO.
MIN
MAX
MIN
MAX
UNIT
1
tf(CI)
Fall time, CLKIN
5†
5†
ns
2
tw(CIL)
Pulse duration, CLKIN low, tc(CI) = MIN
7
5
ns
3
tw(CIH)
Pulse duration, CLKIN high, tc(CI) = MIN
7
5
ns
4
tr(CI)
Rise time, CLKIN
5†
5†
ns
5
tc(CI)
Cycle time, CLKIN
20
242.5
16.67
242.5
ns
6
tf(H)
Fall time, H1 and H3
3
3
ns
7
tw(HL)
Pulse duration, H1 and H3 low
tc(CI) –6 tc(CI) +6 tc(CI) –6 tc(CI) +6
ns
8
tw(HH)
Pulse duration, H1 and H3 high
tc(CI) –6 tc(CI) +6 tc(CI) –6 tc(CI) +6
ns
9
tr(H)
Rise time, H1 and H3
4
4
ns
9.1
td(HL - HH)
Delay time from H1 low to H3 high or from H3 low to H1 high
–1
4
–1
4
ns
10
tc(H)
Cycle time, H1 and H3‡
40
485
33.3
485
ns
† This value is specified by design but not tested.
‡ Maximum cycle time is not limited during IDLE2 operation.
1
4
X2 / CLKIN
5
2
3
Figure 8. X2 / CLKIN Timing
H3
H1
6
9
9.1
9.1
6
9
10
8
7
7
8
10
Figure 9. H1 and H3 Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com