Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C44 Datasheet(PDF) 35 Page - Texas Instruments

Part # TMS320C44
Description  DIGITAL SIGNAL PROCESSOR
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C44 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TMS320C44 Datasheet HTML 31Page - Texas Instruments TMS320C44 Datasheet HTML 32Page - Texas Instruments TMS320C44 Datasheet HTML 33Page - Texas Instruments TMS320C44 Datasheet HTML 34Page - Texas Instruments TMS320C44 Datasheet HTML 35Page - Texas Instruments TMS320C44 Datasheet HTML 36Page - Texas Instruments TMS320C44 Datasheet HTML 37Page - Texas Instruments TMS320C44 Datasheet HTML 38Page - Texas Instruments TMS320C44 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
TMS320C44
DIGITAL SIGNAL PROCESSOR
SPRS031B – AUGUST 1994 – REVISED DECEMBER 1995
35
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
timing for IACK (see Note 12 and Figure 22)
NO
TMS320C44 - 50
TMS320C44 - 60
UNIT
NO.
MIN
MAX
MIN
MAX
UNIT
1
td(H1L - IACKL)
Delay time, H1 low to IACK low
9
7
ns
2
td(H1L - IACKH)
Delay time, H1 low to IACK high during first cycle of IACK instruction
data read
9
7
ns
NOTE 12: The IACK output is active for the entire duration of the bus cycle and is, therefore, extended if the bus cycle utilizes wait states.
H3
H1
IACK
Address
Data
12
Fetch IACK
Instruction
IACK Data
Read
Decode IACK
Instruction
Execute IACK
Instruction
Figure 22. IACK Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com