Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320F243 Datasheet(PDF) 94 Page - Texas Instruments

Part # TMS320F243
Description  DSP CONTROLLERS
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F243 Datasheet(HTML) 94 Page - Texas Instruments

Back Button TMS320F243 Datasheet HTML 90Page - Texas Instruments TMS320F243 Datasheet HTML 91Page - Texas Instruments TMS320F243 Datasheet HTML 92Page - Texas Instruments TMS320F243 Datasheet HTML 93Page - Texas Instruments TMS320F243 Datasheet HTML 94Page - Texas Instruments TMS320F243 Datasheet HTML 95Page - Texas Instruments TMS320F243 Datasheet HTML 96Page - Texas Instruments TMS320F243 Datasheet HTML 97Page - Texas Instruments TMS320F243 Datasheet HTML 98Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 116 page
background image
TMS320F243, TMS320F241
DSP CONTROLLERS
SPRS064B – DECEMBER 1997 – REVISED FEBRUARY 1999
94
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
external memory interface
read timings
switching characteristics over recommended operating conditions for an external memory
interface read (see Figure 38)
PARAMETER
MIN
MAX
UNIT
td(COL–CNTL)
Delay time, CLKOUT low to control valid
3
ns
td(COL–CNTH) Delay time, CLKOUT low to control inactive
3
ns
td(COL–A)RD
Delay time, CLKOUT low to address valid
5
ns
td(COH–RDL)
Delay time, CLKOUT high to RD strobe active
4
ns
td(COL–RDH)
Delay time, CLKOUT low to RD strobe inactive high
–4
0
ns
td(COL–SL)
Delay time, CLKOUT low to STRB strobe active low
3
ns
td(COL–SH)
Delay time, CLKOUT low to STRB strobe inactive high
3
ns
th(A)COL
Hold time, address valid after CLKOUT low
–4
ns
tsu(A)RD
Setup time, address valid before RD strobe active low
22
ns
th(A)RD
Hold time, address valid after RD strobe inactive high
–1
ns
timing requirements [H = 0.5tc(CO)] (see Figure 38)
MIN
MAX
UNIT
ta(A)
Access time, read data from address valid
2H–20
ns
tsu(D)RD
Setup time, read data before RD strobe inactive high
12
ns
th(D)RD
Hold time, read data after RD strobe inactive high
0
ns
th(AIV-D)
Hold time, read data after address invalid
–3
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com