Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320F243 Datasheet(PDF) 15 Page - Texas Instruments

Part # TMS320F243
Description  DSP CONTROLLERS
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F243 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TMS320F243 Datasheet HTML 11Page - Texas Instruments TMS320F243 Datasheet HTML 12Page - Texas Instruments TMS320F243 Datasheet HTML 13Page - Texas Instruments TMS320F243 Datasheet HTML 14Page - Texas Instruments TMS320F243 Datasheet HTML 15Page - Texas Instruments TMS320F243 Datasheet HTML 16Page - Texas Instruments TMS320F243 Datasheet HTML 17Page - Texas Instruments TMS320F243 Datasheet HTML 18Page - Texas Instruments TMS320F243 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 116 page
background image
TMS320F243, TMS320F241
DSP CONTROLLERS
SPRS064B – DECEMBER 1997 – REVISED FEBRUARY 1999
15
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
Terminal Functions - ’F241 PG and FN Packages (Continued)
NAME
64
QFP
68
PLCC
TYPE†
RESET
STATE‡
DESCRIPTION
NO.
NO.
STATE‡
SERIAL PERIPHERAL INTERFACE (SPI) AND BIT I/O PINS
SPISIMO/
IOPC2
45
56
I/O
SPI slave in, master out or GPIO
SPISOMI/
IOPC3
46
57
I/O
I
SPI slave out, master in or GPIO
SPICLK/
IOPC4
47
58
I/O
I
SPI clock or GPIO
SPISTE/
IOPC5
48
59
I/O
SPI slave transmit enable (optional) or GPIO
SERIAL COMMUNICATIONS INTERFACE (SCI) AND BIT I/O PINS
SCITXD/
IOPA0
43
54
I/O
I
SCI asynchronous serial port transmit data or GPIO
SCIRXD/
IOPA1
44
55
I/O
I
SCI asynchronous serial port receive data or GPIO
CONTROLLER AREA NETWORK (CAN)
CANTX/
IOPC6
4
11
I/O
I
CAN transmit data or GPIO
CANRX/
IOPC7
3
10
I/O
I
CAN receive data or GPIO
INTERRUPT, EXTERNAL ACCESS, AND MISCELLANEOUS SIGNALS
RS
27
35
I/O
I
Device reset. RS causes the ’F243/241 to terminate execution and sets
PC = 0. When RS is brought to a high level, execution begins at location
zero of program memory. RS affects (or sets to zero) various registers
and status bits. When the watchdog timer overflows, it initiates a system
reset pulse that is reflected on the RS pin. This pulse is eight clock cycles
wide.
NMI§
53
64
I
I
Nonmaskable interrupt. When NMI is activated, the device is interrupted
regardless of the state of the INTM bit of the status register. NMI is
(falling) edge- and low-level-sensitive. To be recognized by the core, this
pin must be kept low for at least one clock cycle after the falling edge.
XINT1/
IOPA2
55
66
I/O
I
External user interrupt 1 or GPIO. Both XINT1 and XINT2 are edge-
sensitive. To be recognized by the core, these pins must be kept low/high
for at least one clock cycle after the edge. The edge polarity is
programmable.
XINT2/ADCSOC/
IOPD1
54
65
I/O
I
External user interrupt 2. External “start-of-conversion” input for
ADC/GPIO. Both XINT1 and XINT2 are edge-sensitive. To be
recognized by the core, these pins must be kept low/high for at least one
clock cycle after the edge. The edge polarity is programmable.
XF/IOPC0
39
50
I/O
O – 1
External flag output (latched software-programmable signal). XF is a
general-purpose output pin. It is set/reset by the SETC XF/CLRC XF
instruction. This pin is configured as an external flag output by all device
resets. It can be used as a GPIO, if not used as XF.
BIO/IOPC1
42
53
I/O
I
Branch control input. BIO is polled by the BCND pma,BIO instruction. If
BIO is low, a branch is executed. If BIO is not used, it should be pulled
high. This pin is configured as a branch control input by all device resets.
It can be used as a GPIO, if not used as a branch control input.
PMT
49
60
I
I
Enables parallel module test (PMT). Do not connect, reserved for test.
CLOCK SIGNALS
XTAL1/CLKIN
35
46
I
I
PLL oscillator input pin. Crystal input to PLL/clock source input to PLL.
XTAL1/CLKIN is tied to one side of a reference crystal.
XTAL2
36
47
O
O
Crystal output. PLL oscillator output pin. XTAL2 is tied to one side of a
reference crystal. This pin goes in the high-impedance state when
EMU1/OFF is active low.
† I = input, O = output, Z = high impedance
‡ The reset state indicates the state of the pin at reset. If the pin is an input, indicated by an I, its state is determined by user design. If the pin is
an output, its level at reset is indicated.
§ In silicon revisions 2.0-TMX and 2.1-TMS, this pin is level-sensitive and can cause multiple interrupts when held low.
NOTE:
Bold, italicized pin names indicate pin function after reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com