Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMF2-100-R250-G Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # CMF2-100-R250-G
Description  Thick Film High Voltage/ High Reliability MIL-Approved Metal Glaze??Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

CMF2-100-R250-G Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  CMF2-100-R250-G Datasheet HTML 1Page - IRC - a TT electronics Company. CMF2-100-R250-G Datasheet HTML 2Page - IRC - a TT electronics Company. CMF2-100-R250-G Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Tin Lead electroplated leads
All welded cap and lead construction
Heat conducting
ceramic substrate
Diamond spiraled
thick film element
Epoxy coated body
High conductivity plated on
nickel termination
Thick Film High Voltage/
High Reliability MIL-Approved
Metal Glaze™ Resistors
Environmental Data
CMH Series
1/4 watt to 5 watt
TCR of ±100 ppm/°C
Qualified to MIL-R-49462
330K ohm to 1G ohm range
±1%, ±2%, or ±5% tolerance
Electrical Data
IRC Type
MIL
Type³
Power
Rating @
70°C (watts)¹
Voltage
Rating
(volts)²
Resistance Range
(ohms)4
Tolerance
(±%)
Maximum
TCR
(±ppm/°C)4
VCR (ppm/V)
CMH - 1/4
RHV30
1/4
750
330K - 100M
1, 2, 5
100
0 to -5
CMH - 1/2
RHV31
1/2
1,500
330K - 392M
CMH - 1
RHV32
1
3,000
330K - 499M
CMH - 2
RHV33
2
5,000
330K - 499M
CMH - 3
RHV34
3
10,000
330K - 1000M
CMH - 5
RHV35
5
20,000
330K - 1000M
Notes:
1. For power rating above 70C, see derating curve.
2. Voltage rating shown is the rated DC continuous working voltage or the sine-wave RMS absolute maximum voltage at com-
mercial line frequency.
3. Marked per MIL-R-49462
4. Values greater than 100 meg and less than 500 meg, ±200ppm; values greater than or equal to 500 meg, ±500ppm.
Test Condition*
Maximum
∆R
(±3
σ)
Typical
∆R
Thermal Shock
±0.25%
±0.10%
Solder Effect
±0.15%
±0.05%
Terminal Strength
±0.20%
±0.10%
Moisture Resistance
±0.50%
±0.20%
Load Life (1000 Hours at 25°C)
±1.00%
±0.25%
Shelf Life (1 year at 25°C)
±0.10%
±0.03%
Low-Temperature Operation
±0.15%
±0.05%
Shock
±0.35%
±0.10%
Vibration
±0.35%
±0.10%
Dielectric Strength
±0.15%
±0.05%
Insulation Resistance at 500 VDC
±109
Ω min
5 x 1012
Ω typ
Notes:
*Test per MIL-R-49462 and MIL-STD-202
CMH Series Issue September 2008 Sheet 1 of 3


Similar Part No. - CMF2-100-R250-G

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
CMF2 SCHURTER-CMF2 Datasheet
362Kb / 3P
IEC Appliance Inlet C8 polarized with Line Switch 1-pole
CMF2 SCHURTER-CMF2 Datasheet
206Kb / 3P
IEC Appliance Inlet C8 polarized with Line Switch 1-pole
08.12.2021
logo
Clarke International
CMF2 CLARKE-CMF2 Datasheet
228Kb / 2P
Filter/Regulator/Oiler
0103
logo
Schurter Inc.
CMF2.1011.12 SCHURTER-CMF2.1011.12 Datasheet
206Kb / 3P
IEC Appliance Inlet C8 polarized with Line Switch 1-pole
08.12.2021
CMF2.1031.12 SCHURTER-CMF2.1031.12 Datasheet
206Kb / 3P
IEC Appliance Inlet C8 polarized with Line Switch 1-pole
08.12.2021
More results

Similar Description - CMF2-100-R250-G

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
GF-07D1002F IRCTT-GF-07D1002F Datasheet
218Kb / 2P
Thick Film Metal Glaze Resistor
GS-3501000F IRCTT-GS-3501000F Datasheet
682Kb / 2P
Thick Film Semi-Precision Metal Glaze Power Resistors
GS-3501000FLFSLT IRCTT-GS-3501000FLFSLT Datasheet
176Kb / 3P
Thick Film Semi-Precision Metal Glaze Power Resistors
logo
Vishay Siliconix
VR37000001504FA100 VISHAY-VR37000001504FA100 Datasheet
111Kb / 6P
High Ohmic/High Voltage Metal Glaze Leaded Resistors
17-Aug-11
VR25 VISHAY-VR25_13 Datasheet
110Kb / 7P
High Ohmic/High Voltage Metal Glaze Leaded Resistors
17-Aug-11
VR37000002203JA100 VISHAY-VR37000002203JA100 Datasheet
111Kb / 6P
High Ohmic/High Voltage Metal Glaze Leaded Resistors
17-Aug-11
logo
Riedon Powertron
MGM55 RIEDON-MGM55 Datasheet
231Kb / 2P
High Voltage Metal Glaze Film Resistors
logo
Vishay Siliconix
VR37000001005JA100 VISHAY-VR37000001005JA100 Datasheet
111Kb / 6P
High Ohmic/High Voltage Metal Glaze Leaded Resistors
17-Aug-11
logo
TT Electronics.
GS-3-100-2203-F TTELEC-GS-3-100-2203-F Datasheet
329Kb / 3P
Thick Film Semi-Precision Metal Glaze??Power Resistors
logo
Vishay Siliconix
VR68 VISHAY-VR68 Datasheet
184Kb / 10P
High Ohmic / High Voltage Metal Glaze Leaded Resistors
02-Jun-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com