Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMF2-100-R250-G Datasheet(PDF) 3 Page - IRC - a TT electronics Company.

Part # CMF2-100-R250-G
Description  Thick Film High Voltage/ High Reliability MIL-Approved Metal Glaze??Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

CMF2-100-R250-G Datasheet(HTML) 3 Page - IRC - a TT electronics Company.

  CMF2-100-R250-G Datasheet HTML 1Page - IRC - a TT electronics Company. CMF2-100-R250-G Datasheet HTML 2Page - IRC - a TT electronics Company. CMF2-100-R250-G Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
IRC Advanced Film Division
Thick Film High Voltage/
High Reliability MIL-Approved
Metal Glaze™ Resistors
Sample Part No.
IRC Type
CMH 1/4, CMH 1/2, CMH 1, CMH 2, CMH 3, CMH 5
Temperature Coefficient
±100 ppm/°C
Resistance
(
≥100Ω - First 3 significant digits plus 4th digit multiplier)
Example: 100
Ω = 1000; 1000Ω = 1001, 150,000Ω = 1503
(>100
Ω - "R" is used to designate decimal)
Example: 51
Ω = 51R0; 1Ω = 1R00; 0.25Ω = R250
Tolerance
F = ±1%
G = ±2%
J = ±5%
Ordering Data
CMH 3 - 100 - 2206 - F
CMH Series Issue September 2008 Sheet 3 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com