Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320F243FN Datasheet(PDF) 13 Page - Texas Instruments

Part # TMS320F243FN
Description  DSP CONTROLLERS
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F243FN Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS320F243FN Datasheet HTML 9Page - Texas Instruments TMS320F243FN Datasheet HTML 10Page - Texas Instruments TMS320F243FN Datasheet HTML 11Page - Texas Instruments TMS320F243FN Datasheet HTML 12Page - Texas Instruments TMS320F243FN Datasheet HTML 13Page - Texas Instruments TMS320F243FN Datasheet HTML 14Page - Texas Instruments TMS320F243FN Datasheet HTML 15Page - Texas Instruments TMS320F243FN Datasheet HTML 16Page - Texas Instruments TMS320F243FN Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 116 page
background image
TMS320F243, TMS320F241
DSP CONTROLLERS
SPRS064B – DECEMBER 1997 – REVISED FEBRUARY 1999
13
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
Terminal Functions - ’F243 PGE Package (Continued)
NAME
144
QFP
TYPE†
RESET
STATE‡
DESCRIPTION
NO.
STATE‡
NO CONNECTS
DNC
12
Do not connect Reserved for test
DNC
97
–
–
Do not connect. Reserved for test.
1
2
5
7
9
11
NC
13
No internal connection made to this pin
NC
13
–
–
No internal connection made to this pin
132
133
134
136
138
140
† I = input, O = output, Z = high impedance
‡ The reset state indicates the state of the pin at reset. If the pin is an input, indicated by an I, its state is determined by user design. If the pin is
an output, its level at reset is indicated.
§ In silicon revisions 2.0-TMX and 2.1-TMS, this pin is level-sensitive and can cause multiple interrupts when held low.
¶ Data is in output mode when AVIS is enabled. At reset, the device comes up with AVIS mode enabled. The data bus is in output mode while AVIS
is enabled.
NOTE:
Bold, italicized pin names indicate pin function after reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com