Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320F243FN Datasheet(PDF) 23 Page - Texas Instruments

Part # TMS320F243FN
Description  DSP CONTROLLERS
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F243FN Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMS320F243FN Datasheet HTML 19Page - Texas Instruments TMS320F243FN Datasheet HTML 20Page - Texas Instruments TMS320F243FN Datasheet HTML 21Page - Texas Instruments TMS320F243FN Datasheet HTML 22Page - Texas Instruments TMS320F243FN Datasheet HTML 23Page - Texas Instruments TMS320F243FN Datasheet HTML 24Page - Texas Instruments TMS320F243FN Datasheet HTML 25Page - Texas Instruments TMS320F243FN Datasheet HTML 26Page - Texas Instruments TMS320F243FN Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 116 page
background image
TMS320F243, TMS320F241
DSP CONTROLLERS
SPRS064B – DECEMBER 1997 – REVISED FEBRUARY 1999
23
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
software-controlled wait-state generator (continued)
Table 6. Visibility Modes
BIT 10
BIT 9
VISIBILITY MODE
0
0
Bus visibility OFF (reduces power consumption and noise)
0
1
Bus visibility OFF (reduces power consumption and noise)
1
0
Data-address bus output to external address bus.
Data-data bus output to external data bus.
1
1
Program-address bus output to external address bus.
Program-data bus output to external data bus.
digital I/O and shared pin functions
The ’F243 has a total of 32 general-purpose, bidirectional, digital I/O (GPIO) pins that function as follows: six
pins are dedicated I/O pins (see Table 7) and 26 pins are shared between primary functions and I/O. The ’F241
has 26 I/O pins; all are shared with other functions. The digital I/O ports module provides a flexible method for
controlling both dedicated I/O and shared pin functions. All I/O and shared pin functions are controlled using
eight 16-bit registers. These registers are divided into two types:
D Output Control Registers — used to control the multiplexer selection that chooses between the primary
function of a pin or the general-purpose I/O function.
D Data and Control Registers — used to control the data and data direction of bidirectional I/O pins.
Table 7. Dedicated I/O Pins (’F243 Only)
’F243 PIN NUMBER
PIN NAME
20
IOPD2
21
IOPD3
23
IOPD4
25
IOPD5
27
IOPD6
29
IOPD7
description of shared I/O pins
The control structure for shared I/O pins is shown in Figure 4, where each pin has three bits that define its
operation:
D Mux control bit — this bit selects between the primary function (1) and I/O function (0) of the pin.
D I/O direction bit — if the I/O function is selected for the pin (mux control bit is set to 0), this bit determines
whether the pin is an input (0) or an output (1).
D I/O data bit — if the I/O function is selected for the pin (mux control bit is set to 0) and the direction selected
is an input, data is read from this bit; if the direction selected is an output, data is written to this bit.
The mux control bit, I/O direction bit, and I/O data bit are in the I/O control registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com