Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320UC5409 Datasheet(PDF) 46 Page - Texas Instruments

Part # TMS320UC5409
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320UC5409 Datasheet(HTML) 46 Page - Texas Instruments

Back Button TMS320UC5409 Datasheet HTML 42Page - Texas Instruments TMS320UC5409 Datasheet HTML 43Page - Texas Instruments TMS320UC5409 Datasheet HTML 44Page - Texas Instruments TMS320UC5409 Datasheet HTML 45Page - Texas Instruments TMS320UC5409 Datasheet HTML 46Page - Texas Instruments TMS320UC5409 Datasheet HTML 47Page - Texas Instruments TMS320UC5409 Datasheet HTML 48Page - Texas Instruments TMS320UC5409 Datasheet HTML 49Page - Texas Instruments TMS320UC5409 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 74 page
background image
TMS320UC5409
FIXED-POINT DIGITAL SIGNAL PROCESSOR
SPRS101A – APRIL 1999 – REVISED AUGUST 1999
46
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
memory and parallel I/O interface timing (continued)
switching characteristics over recommended operating conditions for a
parallel I/O port read
(IOSTRB = 0)† (see Figure 18)
PARAMETER
MIN
MAX
UNIT
td(CLKL-A)
Delay time, CLKOUT low to address valid
0
3
ns
td(CLKH-ISTRBL)
Delay time, CLKOUT high to IOSTRB low
0
3
ns
td(CLKH-ISTRBH)
Delay time, CLKOUT high to IOSTRB high
0
3
ns
th(A)IOR
Hold time, address after CLKOUT low
0
3
ns
† Address and IS timings are included in timings referenced as address.
timing requirements for a
parallel I/O port read (IOSTRB = 0) [H = 0.5 tc(CO)]† (see Figure 18)
MIN
MAX
UNIT
ta(A)IO
Access time, read data access from address valid
3H–10
ns
ta(ISTRBL)IO
Access time, read data access from IOSTRB low
2H–10
ns
tsu(D)IOR
Setup time, read data before CLKOUT high
4
ns
th(D)IOR
Hold time, read data after CLKOUT high
0
ns
th(ISTRBH-D)R
Hold time, read data after IOSTRB high
0
ns
† Address and IS timings are included in timings referenced as address.
IS
R/W
IOSTRB
D[15:0]
A[19:0]
CLKOUT
th(A)IOR
td(CLKH-ISTRBH)
th(D)IOR
tsu(D)IOR
ta(A)IO
td(CLKH-ISTRBL)
td(CLKL-A)
ta(ISTRBL)IO
th(ISTRBH-D)R
Figure 18. Parallel I/O Port Read (IOSTRB = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com