Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320UC5409 Datasheet(PDF) 21 Page - Texas Instruments

Part # TMS320UC5409
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320UC5409 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS320UC5409 Datasheet HTML 17Page - Texas Instruments TMS320UC5409 Datasheet HTML 18Page - Texas Instruments TMS320UC5409 Datasheet HTML 19Page - Texas Instruments TMS320UC5409 Datasheet HTML 20Page - Texas Instruments TMS320UC5409 Datasheet HTML 21Page - Texas Instruments TMS320UC5409 Datasheet HTML 22Page - Texas Instruments TMS320UC5409 Datasheet HTML 23Page - Texas Instruments TMS320UC5409 Datasheet HTML 24Page - Texas Instruments TMS320UC5409 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 74 page
background image
TMS320UC5409
FIXED-POINT DIGITAL SIGNAL PROCESSOR
SPRS101A – APRIL 1999 – REVISED AUGUST 1999
21
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
sample rate generator external clock options (continued)
Table 5. Pin Control Register (PCR) Bit Field Description
BIT
NAME
FUNCTION
15 – 14
Reserved
Reserved. Pins are not used.
13
XIOEN
Transmit/Receive general-purpose I/O mode ONLY when XRST=0 in the SPCR(1/2)
XIOEN = 0
DX pin is not a general-purpose output. FSX and CLKX are not general-purpose I/Os.
XIOEN = 1
DX pin is a general-purpose output. FSX and CLKX are general-purpose I/Os. These
serial port pins do not perform serial port operations.
12
RIOEN
Transmit/Receive general-purpose I/O mode ONLY when RRST=0 in the SPCR(1/2)
RIOEN = 0
DR and CLKS pins are not general-purpose inputs. FSR and CLKR are not
general-purpose I/Os.
RIOEN = 1
DR and CLKS pins are general-purpose inputs. FSR and CLKR are general-purpose
I/Os. These serial port pins do not perform serial port operations. The CLKS pin is
affected by a combination of RRST and RIOEN signals of the receiver.
11
FSXM
Transmit frame synchronization mode
FSRM = 0
Frame synchronization signal derived from an external source.
FSRM = 1
Frame synchronization is determined by the sample rate generator frame
synchronization mode bit (FSGM) in the SRGR2.
10
FSRM
Receive frame synchronization mode
FSRM = 0
Frame synchronization pulses generated by an external device. FSR is an input pin.
FSRM = 1
Frame synchronization generated internally by the sample rate generator. FSR is an
output pin except when GSYNC=1 in the SRGR.
9
CLKRM
Receiver clock mode
Case 1: Digital loop-back mode is not set (CLB=0) in SPCR1.
CLKRM = 0
Receive clock (CLKR) is an input pin driven by an external clock.
CLKRM= 1
CLKR is an output pin and is driven by the internal sample rate generator
Case 2: Digital loop-back mode set (CLB=1) in SPCR1
CLKRM = 0
Receive clock (
Not the CLKR pin) is driven by transmit clock (CLKX), which is based
on CLKXM bit in the PCR. CLKR pin is in high-impedance mode.
CLKRM= 1
CLKR is an output pin and is driven by the transmit clock. The transmit clock is derived
based on the CLKXM bit in the PCR.
8
CLKXM
Transmitter clock mode
CLKXM = 0
Receiver/transmitter clock is driven by an external clock with CLK(R/X) as an input
pin
CLKXM= 1
CLK(R/X) is an output pin and is driven by the internal sample rate generator
During SPI mode (CLKSTP is a non-zero value):
CLKXM = 0
McBSP is a slave and clock (CLKX) is driven by the SPI master in the system. CLKR
is internally driven by CLKX.
CLKXM= 1
McBSP is a master and generates the clock (CLKX) to drive its receive clock (CLKR)
and the shift clock of the SPI-compliant slaves in the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com