Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320F241FN Datasheet(PDF) 71 Page - Texas Instruments

Part # TMS320F241FN
Description  DSP CONTROLLERS
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F241FN Datasheet(HTML) 71 Page - Texas Instruments

Back Button TMS320F241FN Datasheet HTML 67Page - Texas Instruments TMS320F241FN Datasheet HTML 68Page - Texas Instruments TMS320F241FN Datasheet HTML 69Page - Texas Instruments TMS320F241FN Datasheet HTML 70Page - Texas Instruments TMS320F241FN Datasheet HTML 71Page - Texas Instruments TMS320F241FN Datasheet HTML 72Page - Texas Instruments TMS320F241FN Datasheet HTML 73Page - Texas Instruments TMS320F241FN Datasheet HTML 74Page - Texas Instruments TMS320F241FN Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 116 page
background image
TMS320F243, TMS320F241
DSP CONTROLLERS
SPRS064B – DECEMBER 1997 – REVISED FEBRUARY 1999
71
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
device and development support tool nomenclature (continued)
Support tool development evolutionary flow:
TMDX
Development support product that has not completed TI’s internal qualification testing
TMDS
Fully qualified development support product
TMX and TMP devices and TMDX development support tools are shipped against the following disclaimer:
“Developmental product is intended for internal evaluation purposes.”
TMS devices and TMDS development support tools have been fully characterized, and the quality and reliability
of the device have been fully demonstrated. TI’s standard warranty applies.
Predictions show that prototype devices ( TMX or TMP) have a greater failure rate than the standard production
devices. Texas Instruments recommends that these devices not be used in any production system because their
expected end-use failure rate still is undefined. Only qualified production devices are to be used.
TI device nomenclature also includes a suffix with the device family name. This suffix indicates the package type
(for example, PN, PQ, and PZ) and temperature range (for example, L). Figure 16 provides a legend for reading
the complete device name for any TMS320x2xx family member.
PREFIX
TEMPERATURE RANGE (DEFAULT: 0
°C TO 70°C)
TMS 320
F 243
PGE (L)
TMX = experimental device
TMP = prototype device
TMS = qualified device
DEVICE FAMILY
320 = TMS320 Family
TECHNOLOGY
L= 0
°C to 70°C
A= – 40
°C to 85°C
S= – 40
°C to 125°C
Q= – 40
°C to 125°C, Q 100 Fault Grading
PACKAGE TYPE†
FN = 68-pin PLCC
PG = 64-pin plastic QFP
PGE = 144-pin plastic QFP
C = CMOS
E = CMOS EPROM
F = Flash EEPROM
LC = Low-voltage CMOS (3.3 V)
VC = Low-voltage CMOS (3 V)
DEVICE
’20x DSP
203
206
209
’24x DSP
240
241
242
243
(B)
BOOT-LOADER OPTION
† PLCC = Plastic J-Leaded Chip Carrier
QFP
=
Quad Flatpack
Figure 16. TMS320 Device Nomenclature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com