Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320F241FN Datasheet(PDF) 32 Page - Texas Instruments

Part # TMS320F241FN
Description  DSP CONTROLLERS
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F241FN Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMS320F241FN Datasheet HTML 28Page - Texas Instruments TMS320F241FN Datasheet HTML 29Page - Texas Instruments TMS320F241FN Datasheet HTML 30Page - Texas Instruments TMS320F241FN Datasheet HTML 31Page - Texas Instruments TMS320F241FN Datasheet HTML 32Page - Texas Instruments TMS320F241FN Datasheet HTML 33Page - Texas Instruments TMS320F241FN Datasheet HTML 34Page - Texas Instruments TMS320F241FN Datasheet HTML 35Page - Texas Instruments TMS320F241FN Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 116 page
background image
TMS320F243, TMS320F241
DSP CONTROLLERS
SPRS064B – DECEMBER 1997 – REVISED FEBRUARY 1999
32
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
interrupt vectors (continued)
The peripheral interrupt vectors (PIVs) are stored in a table in the peripheral interrupt expansion controller. They
can either be hard-coded (potentially ROM), or register locations (RAM), which are programmed by the reset
service routine. The PIVs are all implemented as hard-coded values on the ’F243/’F241 devices, according to
Table 10, column 5.
phantom interrupt vector
The phantom interrupt vector is an interrupt system integrity feature. If the CPU’s interrupt acknowledge is
asserted, but there is no associated peripheral interrupt request asserted, the phantom vector is used so that
this fault is handled in a controlled manner. One way the phantom interrupt vector could be required is if the CPU
executes a software interrupt instruction with an argument corresponding to a peripheral interrupt (usually
INT1–INT6). The other way would be if a peripheral made an interrupt request, but its interrupt request flag was
cleared by software before the CPU acknowledged the request. In this case, there may be no peripheral
interrupt request asserted to the interrupt controller, so the controller would not know which peripheral interrupt
vector to load into the PIVR. In these situations, the phantom interrupt vector is loaded into the PIVR in lieu of
a peripheral interrupt vector.
software hierarchy
There are two levels of interrupt service routine hierarchy: the General Interrupt Service Routine (GISR), and
the Event-Specific Interrupt Service Routine (SISR). There is one GISR for each maskable prioritized request
(INT) to the CPU. This can perform necessary context saves before it fetches the PIV from the PIVR. This PIV
value is used to generate a branch to the SISR. There is one SISR for every interrupt request from a peripheral
to the interrupt controller. The SISR performs the actions required in response to the peripheral interrupt
request.
nonmaskable interrupts
The PIE controller does not support expansion of nonmaskable interrupts. This is because an ISR must read
the peripheral interrupt vector from the PIVR before interrupts are re-enabled. All interrupts are automatically
disabled when any of the INT1 – INT6 interrupts are serviced. If the PIVR is not read before interrupts are
re-enabled, another interrupt would be acknowledged and a new peripheral interrupt vector would be loaded
into the PIVR, causing permanent loss of the original peripheral interrupt vector. Since, by their very nature,
nonmaskable interrupts cannot be masked, they cannot be included in the interrupt expansion controller
because they could cause the loss of peripheral interrupt vectors.
interrupt operation sequence
1.
An interrupt-generating event occurs in a peripheral. The interrupt flag (IF) bit corresponding to that event
is set in a register in the peripheral. If the appropriate interrupt enable (IE) bit is set, the peripheral generates
an interrupt request to the PIE controller by asserting its PIRQ. If the interrupt is not enabled in the peripheral
register, the IF remains set until cleared by software. If the interrupt is enabled at a later time, and the
interrupt flag is still set, the PIRQ will immediately be asserted. The interrupt flag (IF) in the peripheral
register should be cleared by software only. If the IF bit is not cleared after the respective interrupt service,
future interrupts will not be recognized.
2.
If no unacknowledged CPU interrupt request of the same priority level has previously been sent, the
peripheral interrupt request, PIRQ, causes the PIE controller to generate a CPU interrupt request pulse.
This pulse is active low for 2 CPU clock cycles.
3.
The interrupt request to the CPU sets the corresponding flag in the CPU’s interrupt flag register, IFR. If the
CPU interrupt has been enabled (by setting the appropriate bit in the CPU’s Interrupt Mask Register, IMR),
the CPU stops what it is doing. It then masks all other maskable interrupts by setting the INTM bit, saves
some context, clears the respective IFR bit, and starts executing the General Interrupt Service Routine
(GISR) for that interrupt priority level. The CPU generates an interrupt acknowledge automatically, which
is accompanied by a value on the Program Address Bus (PAB) that corresponds to the interrupt priority level
being responded to. These values are shown in Table 10, column 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com