Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC549 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS320VC549
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC549 Datasheet(HTML) 1 Page - Texas Instruments

  TMS320VC549 Datasheet HTML 1Page - Texas Instruments TMS320VC549 Datasheet HTML 2Page - Texas Instruments TMS320VC549 Datasheet HTML 3Page - Texas Instruments TMS320VC549 Datasheet HTML 4Page - Texas Instruments TMS320VC549 Datasheet HTML 5Page - Texas Instruments TMS320VC549 Datasheet HTML 6Page - Texas Instruments TMS320VC549 Datasheet HTML 7Page - Texas Instruments TMS320VC549 Datasheet HTML 8Page - Texas Instruments TMS320VC549 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
TMS320VC549
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS078F – SEPTEMBER 1998 – REVISED MAY 2000
1
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
D Advanced Multibus Architecture With Three
Separate 16-Bit Data Memory Buses and
One Program Memory Bus
D 40-Bit Arithmetic Logic Unit (ALU)
Including a 40-Bit Barrel Shifter and Two
Independent 40-Bit Accumulators
D 17- × 17-Bit Parallel Multiplier Coupled to a
40-Bit Dedicated Adder for Non-Pipelined
Single-Cycle Multiply/Accumulate (MAC)
Operation
D Compare, Select, and Store Unit (CSSU) for
the Add/Compare Selection of the Viterbi
Operator
D Exponent Encoder to Compute an
Exponent Value of a 40-Bit Accumulator
Value in a Single Cycle
D Two Address Generators With Eight
Auxiliary Registers and Two Auxiliary
Register Arithmetic Units (ARAUs)
D Data Bus With a Bus Holder Feature
D Address Bus With a Bus Holder Feature
D Extended Addressing Mode for 8M × 16-Bit
Maximum Addressable External Program
Space
D 192K × 16-Bit Maximum Addressable
Memory Space (64K Words Program,
64K Words Data, and 64K Words I/O)
D On-Chip ROM with Some Configurable to
Program/Data Memory
D Dual-Access On-Chip RAM
D Single-Access On-Chip RAM
D Single-Instruction Repeat and
Block-Repeat Operations for Program Code
D Block-Memory-Move Instructions for Better
Program and Data Management
D Instructions With a 32-Bit Long Word
Operand
D Instructions With Two- or Three-Operand
Reads
D Arithmetic Instructions With Parallel Store
and Parallel Load
D Conditional Store Instructions
D Fast Return From Interrupt
D On-Chip Peripherals
– Software-Programmable Wait-State
Generator and Programmable Bank
Switching
– On-Chip Phase-Locked Loop (PLL) Clock
Generator With Internal Oscillator or
External Clock Source
– Time-Division Multiplexed (TDM) Serial
Port
– Buffered Serial Port (BSP)
– 8-Bit Parallel Host Port Interface (HPI)
– One 16-Bit Timer
– External-Input/Output (XIO) Off Control
to Disable the External Data Bus,
Address Bus and Control Signals
D Power Consumption Control With IDLE1,
IDLE2, and IDLE3 Instructions With
Power-Down Modes
D CLKOUT Off Control to Disable CLKOUT
D On-Chip Scan-Based Emulation Logic,
IEEE Std 1149.1† (JTAG) Boundary Scan
Logic
D 12.5-ns Single-Cycle Fixed-Point
Instruction Execution Time (80 MIPS) for
3.3-V Power Supply)
D 10-ns Single-Cycle Fixed-Point Instruction
Execution Time (100 MIPS) for 3.3-V Power
Supply (2.5-V Core)
D 8.3-ns Single-Cycle Fixed-Point Instruction
Execution Time (120 MIPS) for 3.3-V Power
Supply (2.5-V Core) (Product Preview Data)
D Available in a 144-Pin Plastic Thin Quad
Flatpack (TQFP) (PGE Suffix) and a 144-Pin
Ball Grid Array (BGA) (GGU Suffix)
NOTE: The data provided in this data sheet for the 8.3-ns, 120 MIPS device is considered to be
Product Preview data as the devices have not completed reliability performance qualification
testing according to TI Quality Systems Specifications.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
© 2000, Texas Instruments Incorporated
† IEEE Standard 1149.1-1990 Standard-Test-Access Port and Boundary Scan Architecture.
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.


Similar Part No. - TMS320VC549

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC549 TI-TMS320VC549 Datasheet
1Mb / 111P
FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC549 TI-TMS320VC549 Datasheet
863Kb / 63P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320VC549 TI-TMS320VC549 Datasheet
872Kb / 64P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320VC549 TI1-TMS320VC549 Datasheet
1Mb / 118P
FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC549 TI1-TMS320VC549 Datasheet
1Mb / 118P
FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMS320VC549

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320LC549 TI-TMS320LC549 Datasheet
791Kb / 61P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320VC5410 TI-TMS320VC5410 Datasheet
1Mb / 79P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320VC5420 TI-TMS320VC5420 Datasheet
1Mb / 77P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320VC5470 TI-TMS320VC5470 Datasheet
760Kb / 93P
Fixed-Point Digital Signal Processor
SMJ320VC5416 TI-SMJ320VC5416 Datasheet
1Mb / 92P
Fixed-Point Digital Signal Processor
TMS320VC549 TI-TMS320VC549_06 Datasheet
863Kb / 63P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
SMJ320LC549 TI-SMJ320LC549 Datasheet
888Kb / 52P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320VC5506 TI-TMS320VC5506 Datasheet
1Mb / 120P
Fixed-Point Digital Signal Processor
TMS320VC5504 TI-TMS320VC5504 Datasheet
1Mb / 128P
Fixed-Point Digital Signal Processor
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com