Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC549 Datasheet(PDF) 11 Page - Texas Instruments

Part # TMS320VC549
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC549 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMS320VC549 Datasheet HTML 7Page - Texas Instruments TMS320VC549 Datasheet HTML 8Page - Texas Instruments TMS320VC549 Datasheet HTML 9Page - Texas Instruments TMS320VC549 Datasheet HTML 10Page - Texas Instruments TMS320VC549 Datasheet HTML 11Page - Texas Instruments TMS320VC549 Datasheet HTML 12Page - Texas Instruments TMS320VC549 Datasheet HTML 13Page - Texas Instruments TMS320VC549 Datasheet HTML 14Page - Texas Instruments TMS320VC549 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
TMS320VC549
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS078F – SEPTEMBER 1998 – REVISED MAY 2000
11
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
absolute maximum ratings over specified temperature range (unless otherwise noted)†
Supply voltage I/O range, DVDD‡
–0.3 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage core range, CVDD‡
–0.3 V to 3.75 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range
–0.3 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range
–0.3 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating case temperature range, TC
–40
°C to 100°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
‡ All voltage values are with respect to VSS.
recommended operating conditions
MIN
NOM
MAX
UNIT
DVDD
Device supply voltage, I/O†
3
3.3
3.6
V
CVDD
Device supply voltage, core†
2.4
2.5
2.75
V
VSS
Supply voltage, GND
0
V
VIH
High-level input voltage, I/O
Schmitt trigger inputs, DVDD =
3.3
"0.3 V‡
2.5
DVDD + 0.3
V
VIH
High level in ut voltage, I/O
All other inputs
2
DVDD + 0.3
V
VIL
Low-level input voltage
–0.3
0.8
V
IOH
High-level output current
–300
µA
IOL
Low-level output current
1.5
mA
TC
Operating case temperature
–40
100
°C
† Texas Instrument DSPs do not require specific power sequencing between the core supply and the I/O supply. However, systems should be
designed to ensure that neither supply is powered up for extended periods of time if the other supply is below the proper operating voltage.
Excessive exposure to these conditions can adversely affect the long term reliability of the devices. System-level concerns such as bus contention
may require supply sequencing to be implemented. In this case, the core supply should be powered up at the same time as, or prior to (and
powered down after), the I/O buffers. For additional power sequencing information, see the
Power Supply Sequencing Solutions For Dual Supply
Voltage DSPs application report (literature number SLVA073).
‡ On the ’VC549 devices, the following pins have schmitt trigger inputs: RS, INTn, NMI, X2/CLKIN, CLKMDn, TCK, HAS, HCS, HDSn, BCLKRn,
TCLKR, BCLKXn, and TCLKX
Refer to Figure 1 for 3.3-V device test load circuit values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com