Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBJ4MPT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Part # KBJ4MPT
Description  SINGLE PHASE SILICON RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

KBJ4MPT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  KBJ4MPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. KBJ4MPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* Idea for printed circuit board
* Glass passivated chip junctions
* Low power loss
* Low forward voltage, high current capability
* High surge current capability
* High temperature soldering guaranteed :
260
oC/10 seconds at terminals
Case: KBJ molded plastic
Terminals: Lead solderable per MIL-STD-750,
Method 2026
Polarity: As marked
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
KBJ4APT
THRU
KBJ4MPT
KBJ
CHENMKO ENTERPRISE CO.,LTD
SINGLE PHASE SILICON RECTIFIER
VOLTAGE RANGE 50 - 1000 Volts
CURRENT 4 Amperes
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
NOTES :
2001-6
CHARACTERISTICS
SYMBOL
UNITS
1.0
5.0
uAmps
500
Volts
Maximum Instantaneous Forward Voltage at 4.0 A DC
Maximum DC reverse current
at rated DC blocking voltage per leg
MAXIMUM RATINGES ( At TA = 25
oC unless otherwise noted )
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
SYMBOL
VRRM
VRMS
VDC
IO
VF
IR
IFSM
KBJ4BPT
UNITS
Volts
Volts
Volts
Amps
KBJ4GPT
400
280
400
KBJ4MPT
700
1000
1000
KBJ4KPT
560
800
800
4.0
150
Amps
100
70
100
KBJ4JPT
600
420
600
KBJ4DPT
200
140
200
KBJ4AP
T
50
35
50
1. Measured at 1.0 MHZ and applied reverse voltage of 4.0 Volts
2. Thermal resistance from junction to case and device mounted on 50 X 50 X 1.6 mm copper heatsink.
Rating for fusing ( t > 1 mSec, t < 8.3 mSec )
93
A2Sec
I2t
Typical thermal resistance ( NOTE 2 )
Operating and Storage Temperature Range
TJ, TSTG
4.0
-55 to +150
oC / W
oC
R J-C
Typical Junction capacitance per leg ( NOTE 1 )
45
pF
CJ
TA = 25
oC
TA = 125
oC
KBJ
Dimensions in inches and (millimeters)
.995 (25.3)
.983 (24.7)
.057 (1.45)
.041 (1.05)
.083 (2.1)
.069 (1.7)
.043 (1.1)
.035 (0.9)
.303 (7.7)
.287 (7.3)
.303 (7.7)
.287 (7.3)
.303 (7.7)
.287 (7.3)
.114 (2.9)
.189 (4.8)
.173 (4.4)
.150 (3.8)
.134 (3.4)
.098 (2.5)
.031 (0.8)
.023 (0.6)
KBJ4BPT
KBJ4GPT
KBJ4MPT
KBJ4KPT
KBJ4JPT
KBJ4DPT
KBJ4AP
T


Similar Part No. - KBJ4MPT

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBJ4M WTE-KBJ4M Datasheet
50Kb / 3P
4.0A BRIDGE RECTIFIER
logo
Dc Components
KBJ4M DCCOM-KBJ4M Datasheet
418Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
DAESAN ELECTRONIC CORP.
KBJ4M DAESAN-KBJ4M Datasheet
240Kb / 2P
CURRENT 4.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Galaxy Semi-Conductor H...
KBJ4M BILIN-KBJ4M Datasheet
137Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Rugao Dachang Electroni...
KBJ4M DACHANG-KBJ4M Datasheet
135Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 1000V Forward Current 4 A
More results

Similar Description - KBJ4MPT

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR2505 RECTRON-BR2505 Datasheet
27Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER
BR305 RECTRON-BR305 Datasheet
21Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Sunrise Electr...
KBPC10005 SSE-KBPC10005 Datasheet
14Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
KBPC15005 SSE-KBPC15005 Datasheet
17Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Chongqing Pingwei Enter...
KBL005-RS401 CHONGQING-KBL005-RS401 Datasheet
41Kb / 1P
SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Diotech Company.
KBP201G DIOTECH-KBP201G Datasheet
851Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
W005 DIOTECH-W005 Datasheet
690Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shenzhen Ping Sheng Ele...
D6SB20 PFS-D6SB20 Datasheet
334Kb / 2P
Single-phase Silicon Bridge Rectifier
logo
Continental Device Indi...
KBP3005 CDIL-KBP3005 Datasheet
161Kb / 3P
SINGLE PHASE SILICON BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com