Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS418160ADZ Datasheet(PDF) 5 Page - Texas Instruments

Part # TMS418160ADZ
Description  1048576 BY 16-BIT DYNAMIC RANDOM-ACCESS MEMORY
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS418160ADZ Datasheet(HTML) 5 Page - Texas Instruments

  TMS418160ADZ Datasheet HTML 1Page - Texas Instruments TMS418160ADZ Datasheet HTML 2Page - Texas Instruments TMS418160ADZ Datasheet HTML 3Page - Texas Instruments TMS418160ADZ Datasheet HTML 4Page - Texas Instruments TMS418160ADZ Datasheet HTML 5Page - Texas Instruments TMS418160ADZ Datasheet HTML 6Page - Texas Instruments TMS418160ADZ Datasheet HTML 7Page - Texas Instruments TMS418160ADZ Datasheet HTML 8Page - Texas Instruments TMS418160ADZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
TMS418160A
1048576 BY 16-BIT
DYNAMIC RANDOM-ACCESS MEMORY
SMKS891C – AUGUST 1996 – REVISED OCTOBER 1997
5
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
data out (DQ0 – DQ15)
Data out is the same polarity as data in. The output is in the high-impedance (floating) state until xCAS and OE
are brought low. In a read cycle, the output becomes valid after the access-time-interval tCAC (which begins with
the negative transition of xCAS) as long as tRAC (access time from RAS) and tAA (access time from column
address) are satisfied. The delay time from xCAS low to valid data out is measured from each individual xCAS
to its corresponding DQx pin.
output enable (OE)
OE controls the impedance of the output buffers. When OE is high, the buffers remain in the high-impedance
state. Bringing OE low during a normal cycle activates the output buffers, putting them in the low-impedance
state. It is necessary for both RAS and xCAS to be brought low (until either OE or xCAS is brought high) for the
output buffers to go into the low-impedance state.
RAS-only refresh
A refresh operation must be performed once every 16 ms to retain data. This can be achieved by strobing each
of the 1 024 rows (A0 – A9). A normal read or write cycle refreshes all bits in each row that is selected. A RAS-only
operation can be used by holding both xCAS at the high (inactive) level, conserving power as the output buffers
remain in the high-impedance state. Externally generated addresses must be used for a RAS-only refresh.
hidden refresh
Hidden refresh can be performed while maintaining valid data at the output pin. This is accomplished by holding
xCAS at VIL after a read operation and cycling RAS after a specified precharge period, similar to a RAS-only
refresh cycle. The external address is ignored, and the refresh address is generated internally.
xCAS-before-RAS (xCBR) refresh
xCBR refresh is utilized by bringing at least one xCAS low earlier than RAS (see parameter tCSR) and holding
it low after RAS falls (see parameter tCHR). For successive xCBR refresh cycles, xCAS can remain low while
cycling RAS. The external address is ignored and the refresh address is generated internally.
power up
To achieve proper device operation, an initial pause of 200
µs, followed by a minimum of eight initialization
cycles, is required after power up to the full VDD level. These eight initialization cycles must include at least one
refresh (RAS-only or xCBR) cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com