Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS418160ADZ Datasheet(PDF) 8 Page - Texas Instruments

Part # TMS418160ADZ
Description  1048576 BY 16-BIT DYNAMIC RANDOM-ACCESS MEMORY
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS418160ADZ Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS418160ADZ Datasheet HTML 4Page - Texas Instruments TMS418160ADZ Datasheet HTML 5Page - Texas Instruments TMS418160ADZ Datasheet HTML 6Page - Texas Instruments TMS418160ADZ Datasheet HTML 7Page - Texas Instruments TMS418160ADZ Datasheet HTML 8Page - Texas Instruments TMS418160ADZ Datasheet HTML 9Page - Texas Instruments TMS418160ADZ Datasheet HTML 10Page - Texas Instruments TMS418160ADZ Datasheet HTML 11Page - Texas Instruments TMS418160ADZ Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
TMS418160A
1048576 BY 16-BIT
DYNAMIC RANDOM-ACCESS MEMORY
SMKS891C – AUGUST 1996 – REVISED OCTOBER 1997
8
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
switching characteristics over recommended ranges of supply voltage and ambient temperature
(see Note 4)
PARAMETER
’418160A - 50
’418160A - 60
’418160A - 70
UNIT
PARAMETER
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tAA
Access time from column address
25
30
35
ns
tCAC
Access time from xCAS
13
15
18
ns
tCPA
Access time from xCAS precharge
30
35
40
ns
tRAC
Access time from RAS
50
60
70
ns
tOEA
Access time from OE
13
15
18
ns
tCLZ
Delay time, xCAS to output in the low-impedance state
0
0
0
ns
tOH
Output data hold time from xCAS
3
3
3
ns
tOHO
Output data hold time from OE
3
3
3
ns
tOFF
Output buffer turn-off delay from xCAS (see Note 5)
0
13
0
15
0
18
ns
tOEZ
Output buffer turn-off delay from OE (see Note 5)
0
13
0
15
0
18
ns
NOTES:
4. With ac parameters, it is assumed that tT = 5 ns.
5. tOFF and tOEZ are specified when the output is no longer driven. Data-in should not be enabled until one of the applicable maximum
specifications is satsified.
ac timing requirements (see Note 4)
’418160A - 50
’418160A - 60
’418160A - 70
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tRC
Cycle time, read
90
110
130
ns
tWC
Cycle time, write
90
110
130
ns
tRWC
Cycle time, read-write
131
155
181
ns
tPC
Cycle time, page-mode read or write (see Note 6)
35
40
45
ns
tPRWC
Cycle time, page-mode read-write
76
85
96
ns
tRASP
Pulse duration, RAS active, page mode (see Note 7)
50
100 000
60
100 000
70
100 000
ns
tRAS
Pulse duration, RAS active, nonpage mode (see Note 7)
50
10 000
60
10 000
70
10 000
ns
tCAS
Pulse duration, xCAS active (see Note 8)
13
10 000
15
10 000
18
10 000
ns
tRP
Pulse duration, RAS (precharge)
30
40
50
ns
tWP
Pulse duration, write command
10
10
10
ns
tASC
Setup time, column address
0
0
0
ns
tASR
Setup time, row address
0
0
0
ns
tDS
Setup time, data-in (see Note 9)
0
0
0
ns
tRCS
Setup time, read command
0
0
0
ns
tCWL
Setup time, write command before xCAS precharge
13
15
18
ns
tRWL
Setup time, write command before RAS precharge
13
15
18
ns
tWCS
Setup time, write command before xCAS active
(early-write only)
0
0
0
ns
tWRP
Setup time, write before RAS active (CBR refresh only)
10
10
10
ns
NOTES:
4. With ac parameters, it is assumed that tT = 5 ns.
6. To assure tPC min, tASC should be ≥ to tCP .
7. In a read-write cycle, tRWD and tRWL must be observed.
8. In a read-write cycle, tCWD and tCWL must be observed.
9. Referenced to the later of xCAS or W in write operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com