Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPU65 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # SPU65
Description  50-80W Switching Power Adapters
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

SPU65 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  SPU65 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPU65 Series 50-80W Switching Power Adapters
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, CA 95054, USA • Phone 408-988-6616 • Fax 408-988-6622 • sales@TRUMPower.com • www.TRUMPower.com


Similar Part No. - SPU65

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SPU65 ASTRODYNE-SPU65 Datasheet
661Kb / 4P
65W Desktop Switching Power Supplies
logo
MPS Industries, Inc.
SPU65 MPSIND-SPU65 Datasheet
416Kb / 2P
SPU65 SERIES
logo
Astrodyne Corporation
SPU65-101 ASTRODYNE-SPU65-101 Datasheet
661Kb / 4P
65W Desktop Switching Power Supplies
logo
Volgen Kaga Electronics...
SPU65-101 VOLGEN-SPU65-101 Datasheet
291Kb / 2P
80W Desk Top Switching Power Supplies For I.T.E.
logo
Astrodyne Corporation
SPU65-101S ASTRODYNE-SPU65-101S Datasheet
661Kb / 4P
65W Desktop Switching Power Supplies
More results

Similar Description - SPU65

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1298V NEC-UPC1298V Datasheet
300Kb / 9P
50 TO 80W POWER AMPLIFIER DRIVER
logo
Sanyo Semicon Device
STK415-120-E SANYO-STK415-120-E Datasheet
186Kb / 12P
2-Channel Power Switching Audio Power IC, 80W80W
STK416-090-E SANYO-STK416-090-E Datasheet
217Kb / 12P
Thick-Film Hybrid IC 3-Channel Power Switching Audio Power IC, 80W80W80W
logo
Mean Well Enterprises C...
HLP-80H MEANWELL-HLP-80H Datasheet
363Kb / 4P
80W Single Output Switching Power Supply
HLP-80H MEANWELL-HLP-80H_12 Datasheet
355Kb / 4P
80W Single Output Switching Power Supply
HLN-80H MEANWELL-HLN-80H_12 Datasheet
267Kb / 5P
80W Single Output Switching Power Supply
HLG-80H MEANWELL-HLG-80H_12 Datasheet
392Kb / 6P
80W Single Output Switching Power Supply
logo
List of Unclassifed Man...
HLG-80H-24A ETC2-HLG-80H-24A Datasheet
183Kb / 7P
80W Single Output Switching Power Supply
logo
Extech Instruments Corp...
382260 EXTECH-382260_15 Datasheet
207Kb / 1P
80W Switching Mode DC Power Supply
logo
Total Power Internation...
TPS50A TOTAL-POWER-TPS50A Datasheet
143Kb / 3P
TPS50A SWITCHING MODE 50 WATT ADAPTERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com