Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA0103 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPA0103
Description  1.75-W 3-CHANNEL STEREO AUDIO POWER AMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA0103 Datasheet(HTML) 1 Page - Texas Instruments

  TPA0103 Datasheet HTML 1Page - Texas Instruments TPA0103 Datasheet HTML 2Page - Texas Instruments TPA0103 Datasheet HTML 3Page - Texas Instruments TPA0103 Datasheet HTML 4Page - Texas Instruments TPA0103 Datasheet HTML 5Page - Texas Instruments TPA0103 Datasheet HTML 6Page - Texas Instruments TPA0103 Datasheet HTML 7Page - Texas Instruments TPA0103 Datasheet HTML 8Page - Texas Instruments TPA0103 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
TPA0103
1.75-W 3-CHANNEL STEREO AUDIO POWER AMPLIFIER
SLOS167A – JULY 1997 – REVISED MARCH 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Desktop Computer Amplifier Solution
– 1.75-W Bridge Tied Load (BTL) Center
Channel
– 500-mW L/R Single-Ended Channels
D Low Distortion Output
– < 0.05% THD+N at Full Power
D Full 3.3-V and 5-V Specifications
D Surface-Mount Power Package
24-Pin TSSOP
D L/R Input MUX Feature
D Shutdown Control ...IDD = 5 µA
CB
Left
MUX
LHPIN
LLINEIN
+
–
BYPASS
COUT+
COUT –
MODE A
HP/LINE
RFC
CFC
RIL
RFL
VDD
RM1
RM2
MODE B
VDD
VDD
CNTL
COUTR
RM3
Right
MUX
COUTL
RHPIN
RLINEIN
NC
NC
RFR
RIR
CIL
CIR
RIRC
RILC
+
–
+
–
MUTE OUT
NC
SHUTDOWN
CIN
10
6
19
9
8
20
21
5
4
15
14
11
7, 18
16
22
3
ROUT
LOUT
GND/HS
1, 12, 13, 24
Internal
Speaker
VDD
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
GND/HS
NC
LOUT
LLINEIN
LHPIN
CIN
VDD
SHUTDOWN
MUTE OUT
COUT+
MODE B
GND/HS
GND/HS
NC
ROUT
RLINEIN
RHPIN
BYPASS
VDD
NC
HP/LINE
COUT–
MODE A
GND/HS
PWP PACKAGE
(TOP VIEW)
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
PowerPAD is a trademark of Texas Instruments Incorporated.


Similar Part No. - TPA0103

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0103 TI-TPA0103 Datasheet
1Mb / 4P
1.75-W 3-CHANNEL STEREO AUDIO POWER AMPLIFIER
TPA0103 TI-TPA0103 Datasheet
2Mb / 47P
1.75-W 3-CHANNEL STEREO AUDIO POWER AMPLIFIER
TPA0103PWP TI-TPA0103PWP Datasheet
1Mb / 4P
1.75-W 3-CHANNEL STEREO AUDIO POWER AMPLIFIER
TPA0103PWP TI-TPA0103PWP Datasheet
2Mb / 47P
1.75-W 3-CHANNEL STEREO AUDIO POWER AMPLIFIER
TPA0103PWPG4 TI-TPA0103PWPG4 Datasheet
1Mb / 4P
1.75-W 3-CHANNEL STEREO AUDIO POWER AMPLIFIER
More results

Similar Description - TPA0103

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0102 TI-TPA0102 Datasheet
743Kb / 38P
1.5-W STEREO AUDIO POWER AMPLIFIER
TPA0202 TI-TPA0202 Datasheet
803Kb / 42P
2-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI-TPA1517 Datasheet
352Kb / 20P
6-W STEREO AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA2020A ANPEC-APA2020A Datasheet
638Kb / 25P
Stereo 2-W Audio Power Amplifier
logo
Texas Instruments
TPA1517 TI-TPA1517_07 Datasheet
455Kb / 20P
6-W STEREO AUDIO POWER AMPLIFIER
TPA0103PWPRG4 TI-TPA0103PWPRG4 Datasheet
1Mb / 4P
1.75-W 3-CHANNEL STEREO AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA3011 UTC-PA3011_15 Datasheet
256Kb / 7P
3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED
logo
Texas Instruments
TPA1517 TI-TPA1517_15 Datasheet
674Kb / 23P
6-W STEREO AUDIO POWER AMPLIFIER
TPA0102 TI1-TPA0102_16 Datasheet
1Mb / 45P
1.5-W STEREO AUDIO POWER AMPLIFIER
TPA0103 TI-TPA0103_V01 Datasheet
2Mb / 47P
1.75-W 3-CHANNEL STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com