Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA0103 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPA0103
Description  1.75-W 3-CHANNEL STEREO AUDIO POWER AMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA0103 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPA0103 Datasheet HTML 17Page - Texas Instruments TPA0103 Datasheet HTML 18Page - Texas Instruments TPA0103 Datasheet HTML 19Page - Texas Instruments TPA0103 Datasheet HTML 20Page - Texas Instruments TPA0103 Datasheet HTML 21Page - Texas Instruments TPA0103 Datasheet HTML 22Page - Texas Instruments TPA0103 Datasheet HTML 23Page - Texas Instruments TPA0103 Datasheet HTML 24Page - Texas Instruments TPA0103 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
TPA0103
1.75-W 3-CHANNEL STEREO AUDIO POWER AMPLIFIER
SLOS167A – JULY 1997 – REVISED MARCH 2000
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 51
0.4
0.2
0
2.5
3
3.5
4
4.5
5
0.6
0.8
1
5.5
6
RL = 4 Ω
RL = 8 Ω
RL = 32 Ω
THD+N = 1%
SE
Each L/R Channel
OUTPUT POWER
vs
SUPPLY VOLTAGE
VDD – Supply Voltage – V
Figure 52
RL – Load Resistance – Ω
1.5
1
0.5
0
04
8
12
16
20
2
2.5
3
24
28
32
THD+N = 1%
BTL
Center Channel
OUTPUT POWER
vs
LOAD RESISTANCE
VDD = 5 V
VDD = 3.3 V
Figure 53
0.4
0.2
0
04
8
12
16
20
0.6
0.8
1
24
28
32
RL – Load Resistance – Ω
THD+N = 1%
SE
Each L/R Channel
OUTPUT POWER
vs
LOAD RESISTANCE
VDD = 5 V
VDD = 3.3 V
Figure 54
0.6
0.4
0.2
0
0
0.5
1
1
1.2
POWER DISSIPATION
vs
OUTPUT POWER
1.4
1.5
2
0.8
PO – Output Power – W
RL = 4 Ω
RL = 8 Ω
VDD = 5 V
BTL
Center Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com