Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA0122 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPA0122
Description  2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA0122 Datasheet(HTML) 1 Page - Texas Instruments

  TPA0122 Datasheet HTML 1Page - Texas Instruments TPA0122 Datasheet HTML 2Page - Texas Instruments TPA0122 Datasheet HTML 3Page - Texas Instruments TPA0122 Datasheet HTML 4Page - Texas Instruments TPA0122 Datasheet HTML 5Page - Texas Instruments TPA0122 Datasheet HTML 6Page - Texas Instruments TPA0122 Datasheet HTML 7Page - Texas Instruments TPA0122 Datasheet HTML 8Page - Texas Instruments TPA0122 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
TPA0122
2-W STEREO AUDIO POWER AMPLIFIER
WITH FOUR SELECTABLE GAIN SETTINGS
SLOS247B – JUNE 1999 – REVISED MARCH 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Compatible With PC 99 Desktop Line-Out
Into 10-k
Ω Load
D Compatible With PC 99 Portable Into 8-Ω
Load
D Internal Gain Control, Which Eliminates
External Gain-Setting Resistors
D 2-W/Ch Output Power Into 3-Ω Load
D PC-Beep Input
D Depop Circuitry
D Stereo Input MUX
D Fully Differential Input
D Low Supply Current and Shutdown Current
D Surface-Mount Power Packaging
24-Pin TSSOP PowerPAD
™
description
The TPA0122 is a stereo audio power amplifier in a 24-pin TSSOP thermally enhanced package capable of
delivering 2 W of continuous RMS power per channel into 3-
Ω loads. This device minimizes the number of
external components needed, simplifying the design, and freeing up board space for other features. When
driving 1 W into 8-
Ω speakers, the TPA0122 has less than 0.5% THD+N across its specified frequency range.
Included within this device is integrated depop circuitry that virtually eliminates transients that cause noise in
the speakers.
Amplifier gain is internally configured and controlled by two terminals (GAIN0 and GAIN1). BTL gain settings
of –2, –6, –12, and –24 V/V are provided, while SE gain is always configured as –1 V/V for headphone drive.
An internal input MUX allows two sets of stereo inputs to the amplifier. In notebook applications, where internal
speakers are driven as BTL and the line outputs (often headphone drive) are required to be SE, the TPA0122
automatically switches into SE mode when the SE/BTL input is activated, and reduces the gain to –1 V/V.
The TPA0122 consumes only 18 mA of supply current during normal operation. A miserly shutdown mode
reduces the supply current to less than 150
µA.
The PowerPAD package (PWP) delivers a level of thermal performance that was previously achievable only
in TO-220-type packages. Thermal impedances of approximately 35
°C/W are truly realized in multilayer PCB
applications. This allows the TPA0122 to operate at full power into 8-
Ω loads at an ambient temperature of 85°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
GND
GAIN0
GAIN1
LOUT+
LLINEIN
LHPIN
PVDD
RIN
LOUT–
LIN
BYPASS
GND
GND
RLINEIN
SHUTDOWN
ROUT+
RHPIN
VDD
PVDD
PCB ENABLE
ROUT–
SE/BTL
PC-BEEP
GND
PWP PACKAGE
(TOP VIEW)
PowerPAD is a trademark of Texas Instruments Incorporated.


Similar Part No. - TPA0122

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0122 TI1-TPA0122 Datasheet
1,004Kb / 37P
2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA0122PWPR TI1-TPA0122PWPR Datasheet
1,004Kb / 37P
2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA0122 TI1-TPA0122_16 Datasheet
1,004Kb / 37P
2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
More results

Similar Description - TPA0122

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0112 TI-TPA0112 Datasheet
488Kb / 34P
2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA6017A2 TI-TPA6017A2 Datasheet
350Kb / 26P
2 W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA6017A2 TI-TPA6017A2_07 Datasheet
735Kb / 30P
2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
logo
Eutech Microelectronics...
EUA5212 EUTECH-EUA5212 Datasheet
567Kb / 18P
2-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
EUA5312 EUTECH-EUA5312 Datasheet
509Kb / 18P
2-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
EUA6412 EUTECH-EUA6412 Datasheet
676Kb / 18P
2.6-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
EUA6412A EUTECH-EUA6412A Datasheet
1Mb / 18P
2.6-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Texas Instruments
TPA6017A2 TI-TPA6017A2_15 Datasheet
828Kb / 32P
2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA0112 TI1-TPA0112_16 Datasheet
647Kb / 36P
2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA0122 TI1-TPA0122_16 Datasheet
1,004Kb / 37P
2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com