Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA0122 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPA0122
Description  2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA0122 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPA0122 Datasheet HTML 17Page - Texas Instruments TPA0122 Datasheet HTML 18Page - Texas Instruments TPA0122 Datasheet HTML 19Page - Texas Instruments TPA0122 Datasheet HTML 20Page - Texas Instruments TPA0122 Datasheet HTML 21Page - Texas Instruments TPA0122 Datasheet HTML 22Page - Texas Instruments TPA0122 Datasheet HTML 23Page - Texas Instruments TPA0122 Datasheet HTML 24Page - Texas Instruments TPA0122 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
TPA0122
2-W STEREO AUDIO POWER AMPLIFIER
WITH FOUR SELECTABLE GAIN SETTINGS
SLOS247B – JUNE 1999 – REVISED MARCH 2000
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
gain setting via GAIN0 and GAIN1 inputs
The gain of the TPA0122 is set by two input terminals, GAIN0 and GAIN1.
Table 1. Gain Settings
GAIN0
GAIN1
SE/BTL
AV
0
0
0
–2 V/V
0
1
0
–6 V/V
1
0
0
–12 V/V
1
1
0
–24 V/V
X
X
1
–1 V/V
The gains listed in Table 1 are realized by changing the taps on the input resistors inside the amplifier. This
causes the input impedance, ZI, to be dependant on the gain setting. The actual gain settings are controlled
by ratios of resistors, so the actual gain distribution from part-to-part is quite good. However, the input
impedance will shift by 30% due to shifts in the actual resistance of the input impedance.
For design purposes, the input network (discussed in the next section) should be designed assuming an input
impedance of 10 k
Ω, which is the absolute minimum input impedance of the TPA0122. At the higher gain
settings, the input impedance could increase as high as 115 k
Ω.
input resistance
Each gain setting is achieved by varying the input resistance of the amplifier, which can range from its smallest
value to over 6 times that value. As a result, if a single capacitor is used in the input high pass filter, the –3 dB
or cut-off frequency will also change by over 6 times. If an additional resistor is connected from the input pin
of the amplifier to ground, as shown in the figure below, the variation of the cut-off frequency will be much
reduced.
C
R
IN
ZI
ZF
Input
Signal
The input resistance at each gain setting is given in the table below:
AV
ZI
–24 V/V
14 k
Ω
–12 V/V
26 k
Ω
–6 V/V
45.5 k
Ω
–2 V/V
91 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com