Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM110 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TM110
Description  110 WATT MEDICAL POWER SUPPLIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TM110 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TM110 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TM110 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DES C RI P T I O N
The
TM110
series
of
compact,
open
PCB
constructed, AC-DC switching power supplies are
specially designed for medical applications. They
are capable of delivering 72 to 110 watts of
continuous power at 25 CFM forced air cooling or
80 watts at convection cooling. They operate at 85
to 264VAC input voltage without the need of
changing
jumper.
All
models
meet
the
safety
requirements of UL, CSA and IEC for medical
applications.
FE AT URES
‧ Lo w safet y g r ound leaka ge curr ent
‧ Meet EN 55011 and FCC C l ass B
‧ Small s i ze, l i ght w e ight
‧ 100 % b u rn-in
‧ Wide input range 85 to 2 64VA C
‧ Input surge current p r otection
‧ Ov er v o l tage protections
‧ O v ercurrent protections
‧ Compliant w i th RoHS req u irements
TM110 SERIES
Sa fety Stan da rd Ap pr ovals :
GENERAL SPECIFICATIONS
Switching frequency:
20KHz to 250KHz, varies with load and line
Efficiency:
70% minimum on single output models
with Vo
≥12V, 65% minimum on the others
Hold-up time:
12 msec minimum at 110VAC
Line regulation:
±0.5% maximum at full load
Inrush current:
15 amps @115VAC or 30 amps
@ 230VAC at 25ºC cold start
Withstand voltage:
4000VAC from input to output
1500VAC from input to ground
500VAC from output to ground
MTBF:
400,000 hours minimum at full load
at 25ºC ambient, calculated per
MIL-HDBK-217F, excluding DC fan.
EMC Performance (EN60601-1-2: 2001)
EN55011:
Class B conducted, Class B radiated
FCC:
Class B conducted, Class B radiated
VCCI:
Class B conducted, Class B radiated
EN61000-3-2:
Harmonic distortion, Class A
EN61000-3-3:
Line flicker
EN61000-4-2:
ESD, ±8KV air and ±6KV contact
EN61000-4-3:
Radiated immunity, 3V/m for 80~2500MHz
EN61000-4-4:
Fast transient/burst, ±2KV
EN61000-4-5:
Surge, ±1KV diff, ±2KV com.
EN61000-4-6:
Conducted immunity, 3Vrms
EN61000-4-8:
Magnetic field immunity, 3A/m
EN61000-4-11:
Voltage dips, 30% reduction for 500ms,
60% reduction for 100ms and >95%
reduction for 10ms
UL 2601-1
CSA C22.2 No. 601.1
TÜV EN60601-1
INPUT SPECIFICATIONS
Input v o lt ag e :
85 to 26 4VAC
Input freque nc y :
47 to 63 H z
Input curren t :
3.20 A (rm s) f o r 115VAC
1.80 A (rm s) f o r 230VAC
Earth l eakag e curr ent : 9 0 µA max. @ 115VAC, 60H z
150µA m a x. @ 230VAC, 5 0 Hz
(LVD)
ENVIRONMENTAL SPECIFICATIONS
Operating temperature:
0ºC to +70ºC
Storage temperature:
-40ºC to +85ºC
Relative humidity:
Derating:
5% to 95% non-condensing
Derate from 100% at +50ºC
linearly to 50% at +70ºC
Cooling:
110 watts continuous output
power at 25 CFM forced air
cooling or 80 watts at convection
cooling
OUTPUT SPECIFICATIONS
Output voltage/current:
See rating chart
Total output power:
110 watts maximum at 25 CFM
forced air cooling or 80 watts
maximum at convection cooling
Ripple and noise:
1% peak to peak maximum
Overvoltage protection:
Provided on output #1 only;
set at 112-132% of its nominal
output voltage
Overcurrent protection:
All outputs protected to short
circuit conditions
Temperature coefficient:
All outputs ±0.04%/ºC max.
Transient response:
Maximum excursion of 4% or better
on all models, recovering to 1% of
final value within 500µs after a 25%
step load change
PFD signal:
TTL logic high for normal operation
and TTL logic low upon loss of input
power. This signal appears at least
1ms prior to +5V output dropping 5%
below its nominal value. This
signal also provides a minimum
delay of 100ms after +5V is within
regulation
RoHS
TRUMPower
110 WATT MEDICAL POWER SUPPLIES
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● Fax: 408-988-6622 ● email: sales@trumpower.com ● Website: www.TRUMPower.com


Similar Part No. - TM110

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TM1100 TRUMPOWER-TM1100 Datasheet
274Kb / 2P
1100 Watts AC/DC Medical & ITE Grade Power Supplies
TM1100-S24C TRUMPOWER-TM1100-S24C Datasheet
274Kb / 2P
1100 Watts AC/DC Medical & ITE Grade Power Supplies
TM1100-S28C TRUMPOWER-TM1100-S28C Datasheet
274Kb / 2P
1100 Watts AC/DC Medical & ITE Grade Power Supplies
TM1100-S32C TRUMPOWER-TM1100-S32C Datasheet
274Kb / 2P
1100 Watts AC/DC Medical & ITE Grade Power Supplies
TM1100-S34C TRUMPOWER-TM1100-S34C Datasheet
274Kb / 2P
1100 Watts AC/DC Medical & ITE Grade Power Supplies
More results

Similar Description - TM110

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
PM40AL TRUMPOWER-PM40AL Datasheet
211Kb / 2P
40 WATT MEDICAL POWER SUPPLIES
PM65 TRUMPOWER-PM65 Datasheet
220Kb / 2P
65 WATT MEDICAL POWER SUPPLIES
TM66 TRUMPOWER-TM66 Datasheet
244Kb / 2P
65 WATT MEDICAL POWER SUPPLIES
TM200 TRUMPOWER-TM200 Datasheet
173Kb / 2P
200 WATT MEDICAL POWER SUPPLIES
TM300 TRUMPOWER-TM300 Datasheet
277Kb / 3P
300 WATT MEDICAL POWER SUPPLIES
TM450 TRUMPOWER-TM450 Datasheet
253Kb / 3P
450 WATT MEDICAL POWER SUPPLIES
TM650 TRUMPOWER-TM650 Datasheet
273Kb / 3P
650 WATT MEDICAL POWER SUPPLIES
TMP110 TRUMPOWER-TMP110 Datasheet
169Kb / 2P
110 WATT MEDICAL POWER ADAPTERS
logo
RSG Electronic Componen...
PU110 RSG-PU110 Datasheet
179Kb / 2P
110 WATT SWITCHING POWER SUPPLIES
PU110 RSG-PU110_14 Datasheet
177Kb / 2P
72-110 WATT ITE POWER SUPPLIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com