Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM110 Datasheet(PDF) 2 Page - Tumbler Technologies + TRUMPower

Part # TM110
Description  110 WATT MEDICAL POWER SUPPLIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TM110 Datasheet(HTML) 2 Page - Tumbler Technologies + TRUMPower

  TM110 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TM110 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Maximum
Output #1
Output #2
Output #3
Output #4
Output
Product No.
Vnom. Imin.
Imax. Tol.
Vnom. Imin. Imax. Ipeak Tol.
Vnom. Imin. Imax. Tol.
Vnom. Imin. Imax. Tol.
Power
TM110-S3.3
3.3V
0A
22A
3%
(N/A)
(N/A)
(N/A)
72W
TM110-S5.0
5.0V
0A
22A
3%
(N/A)
(N/A)
(N/A)
110W
TM110-S12
12V
0A
9.0A
2%
(N/A)
(N/A)
(N/A)
110W
TM110-S15
15V
0A
7.5A
2%
(N/A)
(N/A)
(N/A)
110W
TM110-S24
24V
0A
4.5A
2%
(N/A)
(N/A)
(N/A)
110W
TM110-S30
30V
0A
3.6A
2%
(N/A)
(N/A)
(N/A)
110W
TM110-D23
+5.1V
0A
10A
3%
+12V
0A
5A
9.0A
3%
(N/A)
(N/A)
110W
TM110-T31
+5.1V
0A
10A
3%
+12V
0A
5A
9.0A
3%
-12V
0A
1A
4%
(N/A)
110W
TM110-T32
+5.1V
0A
10A
3%
+15V
0A
4A
7.5A
3%
-15V
0A
1A
4%
(N/A)
110W
TM110-Q40
+5.1V
0A
10A
3%
+12V
0A
5A
9.0A
3%
-12V
0A
1A
4%
-5V
0A
1A
4%
110W
TM110-Q41
+5.1V
0A
10A
3%
+15V
0A
4A
7.5A
3%
-15V
0A
1A
4%
+24V
0A
1A
4%
110W
TM110-Q42
+5.1V
0A
10A
3%
+12V
0A
5A
9.0A
3%
-12V
0A
1A
4%
+12V
0A
1A
4%
110W
TM110-Q45
+5.1V
0A
10A
3%
+12V
0A
5A
9.0A
3%
-12V
0A
1A
4%
+24V
0A
1A
4%
110W
TM110-Q45-1
+5.1V
2A
10A
3%
+12V
0A
5A
9.0A
3%
-12V
0A
1A
4%
+24V
1.5A
3A
10%
110W
TM110-Q45-2
+5.1V
0A
10A
3%
+24V
0A
3A
5.0A
3%
-12V
0A
1A
4%
+12V
0A
1A
4%
110W
TM110-Q46
+5.1V
0A
10A
3%
+15V
0A
4A
7.5A
3%
-15V
0A
1A
4%
-5V
0A
1A
4%
110W
NOTES:
1.
Peak output current with 10% maximum duty cycle for less than 60 seconds. Total peak power must not exceed 130 watts.
2.
110 watts maximum at 25 CFM forced air cooling or 80 watts maximum at convection cooling, except model TM110-S3.3 which is
rated maximum 60 watts at convection cooling or 72 watts at 25 CFM forced air cooling.
3.
Safety agency approvals are for the above listed models in PCB format. To order models with metallic L-bracket or box, add suffix
“B” for L-bracket format, or “C” for enclosed format, e.g. TM110-S24C.
4.
The output #1 of model TM110-Q45-1 needs a minimum current of 2A to support the other outputs at their maximum rated loads.
MECHANICAL SPECIFICATIONS
NOTES:
1.
Dimensions shown in inch [mm]
2.
Tolerance 0.02 [0.5] maximum
3.
Input connector mates with Molex housing 09-50-3051
and Molex 2878 series crimp terminal.
4.
Output connector mates with Molex housing
09-50-3131 and Molex 2878 series crimp terminal.
5.
Weight: 640 grams (PCB format)
6.
The copper pad of the mounting hole near P1 is for
system grounding through a metallic stand-off to
system chassis.
PIN CHART
1, 2, 3
4, 5
6, 7
8, 9
10
11
12
13
TM110-S3.3
TM110-S12
TM110-S24
TM110-S5.0
TM110-S15
TM110-S30
OUTPUT
#1
RETURN
RETURN
OUTPUT
#1
P.F.D
N.C.
KEY
N.C.
TM110-D23
OUTPUT
#1
COMMON
RETURN
COMMON
RETURN
OUTPUT
#2
P.F.D
N.C.
KEY
N.C.
TM110-T31
TM110-T32
OUTPUT
#1
COMMON
RETURN
COMMON
RETURN
OUTPUT
#2
P.F.D
OUTPUT
#3
KEY
N.C.
TM110-Q40
TM110-Q42
TM110-Q45-1
TM110-Q46
TM110-Q41
TM110-Q45
TM110-Q45-2
OUTPUT
#1
COMMON
RETURN
COMMON
RETURN
OUTPUT
#2
P.F.D
OUTPUT
#3
KEY
OUTPUT
#4
PIN
Product No.
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● Fax: 408-988-6622 ● email: sales@trumpower.com ● Website: www.TRUMPower.com
OUTPUT VOLTAGE/ CURRENT RATING CHART
MEDICAL GRADE
TM110 SERIES



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com