Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM650 Datasheet(PDF) 3 Page - Tumbler Technologies + TRUMPower

Part # TM650
Description  650 WATT MEDICAL POWER SUPPLIES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TM650 Datasheet(HTML) 3 Page - Tumbler Technologies + TRUMPower

  TM650 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TM650 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower TM650 Datasheet HTML 3Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MEDICAL GRADE
TM650 SERIES
MECHANICAL SPECIFICATIONS
Multiple Output Models
PIN CHART
P1 (AC)
P4
1
2
3
P2
P3
1
2
3
4
LIVE
NEUTRAL GROUND
+V
-V
SIGNAL GROUND
(-V)
+S (V)
-S (V)
PFD
P4
5
6
7
8
9
10
INHIBIT
+Ve
INHIBIT
-Ve
N.C.
N.C.
0V (FAN)
FAN
P1 (AC)
P2
P3
P4
1
2
3
1
2
3
4
LIVE
NEUTRAL GROUND
+V1
-V1
SIGNAL GROUND
(-V)
+S (V1)
-S (V1)
PFD
P4
P5
5
6
7
8
9
10
1
2
3
4
5
6
+V2
+V2
-V2
-V2
N.C.
N.C.
TM650-T30
TM650-T31
TM650-T32
TM650-T33
TM650-T34
TM650-T35
TM650-T36
TM650-T37
INHIBIT
+Ve
INHIBIT
-Ve
+S (V2) -S (V2)
0V
(FAN)
FAN
+V2
+V2
-V2
-V2
+V3
-V3
CONN
PIN
Product No.
CONN
PIN
Product No.
CONN
PIN
Single Output Models
Multiple Output Models
NOTES:
1.
Dimensions shown in inch [mm]
2.
Tolerance 0.02 [0.5] maximum
3.
Input connector P1 is Dinkle
DT-4C-B01N-03 screws are M3,
Nickel plated
4.
Connector P4 mates with Molex
housing 50-37-5103 and pins 5263.
5.
P2, P3: M3*0.05 screw connections.
6.
Output connector P5 is Dinkle
DT-35-B01W-06 screws are M3,
Nickel plated.
7.
Weight: 2,140 gms.
TM650-S12
TM650-S15
TM650-S24
TM650-S27
TM650-S30
TM650-S36
TM650-S48
TM650-S12
TM650-S15
TM650-S24
TM650-S27
TM650-S30
TM650-S36
TM650-S48
TM650-D20
TM650-D21
TM650-D22
TM650-D23
TM650-D24
Product No.
PIN
Product No.
CONN
TM650-D20
TM650-D21
TM650-D22
TM650-D23
TM650-D24
TM650-T31
TM650-T30
TM650-T33
TM650-T32
TM650-T35
TM650-T34
TM650-T37
TM650-T36
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● Fax: 408-988-6622 ● email: sales@trumpower.com ● Website: www.TRUMPower.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com