Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM650 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TM650
Description  650 WATT MEDICAL POWER SUPPLIES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TM650 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TM650 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TM650 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower TM650 Datasheet HTML 3Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DES C RI P T I O N
The
TM650
series
comprising
single
and
multiple output models for 650-700 watts of
continuous output power is specially designed
for medical applications not for life support.
They operate at 90 to 264VAC input voltage
without the need of a selector strap. The units
are constructed on a printed circuit board with a
U-bracket for mechanical support and heat
sinking.
A
cover-and-fan
assembly
can
be
added during manufacturing.
TM650 SERIES
Saf e t y Sta n da rd A ppr o va l s :
FE AT URES
‧ EN61000-3- 2 class A and D compliant
‧ Po w e r Facto r 0.9 8 ty pical
‧ Ov er v o l tage protection
‧ Short-circuit protection
‧ Thermal prot ection
‧ Po w e r Fai l Detect (PFD)
‧ 100 % b u rn-in at full rate d load
‧ Remote sens e on output #1 and outp u t #2
‧ Remote inhi bit – TTL hig h disables output
‧ Compliant w i th RoHS req u irements
INPUT SPECIFICATIONS
Input voltage:
90 to 264VAC
Input frequency:
47 to 63Hz
Input current:
10A(rms)for 115VAC
5A(rms)for 230VAC
Earth leakage current:
100µA max. @ 115VAC, 60Hz
165µA max. @ 230VAC, 50H z
ENVI RONME N TA L S PECI F I C AT IONS
Operating te mperature : 0 º C t o + 7 0 º C
S t orage temperature :
-40ºC to +85 º C
Relati v e hu midit y :
5% to 95% n on-con den sin g
Derating :
Derate fr om 100% at +50 º C
linear ly to 50 % at +7 0ºC
OUTPUT SPECIFICATIONS
Output voltage/current:
See rating chart
Total output power:
See rating chart
Ripple and noise:
2% peak to peak maximum
Overvoltage protection: Provided on output #1 only; set
at 115 –140% of its nominal output
voltage
Overcurrent protection: All outputs protected to short
circuit conditions
Temperature coefficient: All outputs ±0.04%/ºC maximum
Transient response:
Maximum excursion of 4% or
better on all models, recovering to
1% of final value within 500µs
after a 25% step load change
PFD signal:
TTL logic high for normal
operation and TTL logic low upon
loss of input power. This signal
appears at least 1ms prior to
master output dropping 5% below
its nominal value. This signal also
provides a minimum delay of 100
ms after master output is within
regulation.
Remote inhibit:
Requires an external TTL high
level signal to inhibit outputs for
standard models.
GENERAL SPECIFICATIONS
Switching frequency:
70KHz ±10KHz
Power factor:
0.98 typical
Efficiency:
80% minimum on all models
Hold-up time:
12 msec minimum at 110VAC
Line regulation:
±0.2% maximum at full load
Inrush current:
50amps @115VAC or 100 amps
@ 230VAC at 25ºC cold start
Withstand voltage:
4000VAC from input to output
1500VAC from input to ground
500VAC from output to ground
MTBF:
300,000 hours minimum at full load
at 25ºC ambient, calculated per
MIL-HDBK- 217F
EMC Performance (EN60601-1-2)
EN55011:
Class B conducted, Class A radiated
EN61000-3-2:
Harmonic distortion, Class A and D
EN61000-3-3:
Line flicker
EN61000-4-2:
ESD, ±8KV air and ±6KV contact
EN61000-4-3:
Radiated immunity, 3V/m
EN61000-4-4:
Fast transient/burst, ±2KV
EN61000-4-5:
Surge, ±1KV diff, ±2KV com.
EN61000-4-6:
Conducted immunity, 3Vrms
EN61000-4-8:
Magnetic field immunity, 3A/m
EN61000-4-11:
Voltage dips, 30% reduction for
500ms, 60% reduction for 100ms
and >95% reduction for 10ms
RoHS
UL 60601-1
CSA C22.2 No. 601.1
TÜV EN60601-1
TRUMPower
650 WATT MEDICAL POWER SUPPLIES
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● Fax: 408-988-6622 ● email: sales@trumpower.com ● Website: www.TRUMPower.com
(LVD)


Similar Part No. - TM650

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TM6501 SPECTRUM-TM6501 Datasheet
70Kb / 1P
RF AMPLIFIER
logo
API Technologies Corp
TM6501 APITECH-TM6501 Datasheet
71Kb / 1P
RF AMPLIFIER MODEL
logo
Spectrum Microwave, Inc...
TM6502 SPECTRUM-TM6502 Datasheet
39Kb / 1P
RF AMPLIFIER
logo
API Technologies Corp
TM6502 APITECH-TM6502 Datasheet
192Kb / 1P
RF AMPLIFIER MODEL
logo
Spectrum Microwave, Inc...
TM6503 SPECTRUM-TM6503 Datasheet
69Kb / 1P
RF AMPLIFIER
More results

Similar Description - TM650

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
PM40AL TRUMPOWER-PM40AL Datasheet
211Kb / 2P
40 WATT MEDICAL POWER SUPPLIES
PM65 TRUMPOWER-PM65 Datasheet
220Kb / 2P
65 WATT MEDICAL POWER SUPPLIES
TM25 TRUMPOWER-TM25 Datasheet
248Kb / 3P
25-28 WATT MEDICAL POWER SUPPLIES
TM41 TRUMPOWER-TM41 Datasheet
223Kb / 2P
30-40 WATT MEDICAL POWER SUPPLIES
TM66 TRUMPOWER-TM66 Datasheet
244Kb / 2P
65 WATT MEDICAL POWER SUPPLIES
TM110 TRUMPOWER-TM110 Datasheet
263Kb / 2P
110 WATT MEDICAL POWER SUPPLIES
TM200 TRUMPOWER-TM200 Datasheet
173Kb / 2P
200 WATT MEDICAL POWER SUPPLIES
TM300 TRUMPOWER-TM300 Datasheet
277Kb / 3P
300 WATT MEDICAL POWER SUPPLIES
TM450 TRUMPOWER-TM450 Datasheet
253Kb / 3P
450 WATT MEDICAL POWER SUPPLIES
logo
Artesyn Technologies
CNS653-ME ARTESYN-CNS653-ME Datasheet
1Mb / 8P
650 Watt AC-DC Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com