Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP60 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TMP60
Description  30-60 WATT MEDICAL POWER ADAPTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TMP60 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TMP60 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TMP60 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TRUMPower 30-60 WATT MEDICAL POWER ADAPTERS
DESCRIPTION
The PMP60 is a series of AC/DC switching power adapters
consists of 30 to 60 watts single, dual and triple outputs.
They are enclosed in a 94V-1 rated polyphenylene-oxide
case with an IEC 320/C14 inlet to mate with interchangeable
cord for world-wide use. All models meet CISPR 11 and
FCC class B emission limits, and are designed for medical
applications where low earth leakage current is required.
FEAT URES
‧ Deskto p fo rm fa cto r
‧ Single, dual, or triple outputs
‧ O p t i onal out put connect ors
‧ 100% burn- in
‧ W i de input range 85 to 264VAC
‧ Input surge current protection
‧ Overvoltage protection
‧ Overcurrent protection
‧ Com p liant w i th CEC and Energy St ar Efficiency
level IV r e quir e m e nts
* No load pow e r consum pt ion less t h an 0. 5W
* Av erage act i ve ef f i ciency ≧ 85%
‧ Com p liant w i th RoHS r e quir e m e nt
INPUT SPECIFICAT IONS
Input voltage :
85 to 264 VA C
Input fr equency :
47 to 63 Hz
Input curr ent :
1. 30A ( r m s) for 1 15 VA C
0. 70A ( r m s) for 230VAC
Leak age curr ent :
90uA m a x. @ 1 15VAC, 60Hz
150uA m a x. @ 230VAC, 50Hz
TMP60 SERIES
Safety Standard Approvals:
OUTPUT SPECIFICATIONS
Output voltage/current:
See rating chart
Total output power:
See rating chart
Ripple and noise:
2﹪ peak to peak maximum
Overvoltage protection:
Provided on output #1 only; set
at 112-140﹪ of its nominal
output voltage
Overcurrent protection:
All outputs protected to short
circuit conditions
Temperature coefficient:
All outputs ±0.04﹪ /℃
maximum
Transient response:
Maximum excursion of 4﹪ or
better on all models, recovering
to 1﹪ of final value within
500us after a 25﹪ step load
change
ENVIRONMENTA L SPECIFICAT IONS
Operating tem p eratur e :
St orage t e m p erat u r e :
Relative hum idity :
Derating:
0 ℃ to +60 ℃
-4 0 ℃ to+85 ℃
5 ﹪ to 95 ﹪ non- condensing
Derate from 100﹪ at +40℃
linearly to 50﹪at +60℃
GENERAL SPECIFICATIONS
Switching frequency: 40KHz - 130KHz
Efficiency:
85﹪ minimum on single output models,
65﹪ minimum on the others
Hold-up time:
10 msec minimum at 110VAC
Line regulation:
±0.5﹪ maximum at full load
Inrush current:
50 amps @ 115VAC, or 100 amps
@230VAC, at 25℃ cold start
Withstand voltage:
4000VAC from input to output
1500VAC from input to ground
500VAC from output to ground
MTBF:
150,000 hours minimum at full load at
25℃ ambient , calculated per
MIL-HDBK-217F
EMC performance (EN60601-1-2)
E N 5501 1:
Class B conducted, Class B radiated
F C C :
Class B conducted, Class B radiated
V C C I :
Class B conducted, Class B radiated
E N 61000- 3- 2:
Harmonic distortion , Class A
E N 61000- 3- 3:
Line flicker
E N 61000- 4- 2:
ESD,± 8KV air and ± 6KV contact
E N 61000- 4- 3:
Radiated immunity, 3V/m for 80~2500MHz
E N 61000- 4- 4:
Fast transient/burst, ± 2KV
E N 61000- 4- 5:
Surge, ± 1KV diff., ± 2KV com.
E N 61000- 4- 6:
Conducted immunity, 3Vrms
E N 61000- 4- 8:
Magnetic field immunity, 3A/m
E N 61000- 4- 1 1 :
Voltage dips, 30﹪ reduction for 500ms,
60% reduction for 100ms and >95﹪
reduction for 10ms
RoHS
UL 60601-1
CSA C22.2 No. 601.1
TÜV EN60601-1
(LVD)
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● Fax: 408-988-6622 ● email: sales@trumpower.com ● Website: www.TRUMPower.com


Similar Part No. - TMP60

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
TMP60-3D FOTEK-TMP60-3D Datasheet
775Kb / 4P
Multifunction Digital timer
TMP60-4D FOTEK-TMP60-4D Datasheet
775Kb / 4P
Multifunction Digital timer
More results

Similar Description - TMP60

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMP30 TRUMPOWER-TMP30 Datasheet
191Kb / 2P
30 WATT MEDICAL POWER ADAPTERS
TMP55 TRUMPOWER-TMP55 Datasheet
153Kb / 2P
55 WATT MEDICAL POWER ADAPTERS
TMP110 TRUMPOWER-TMP110 Datasheet
169Kb / 2P
110 WATT MEDICAL POWER ADAPTERS
TMP120 TRUMPOWER-TMP120 Datasheet
178Kb / 2P
120 WATT MEDICAL POWER ADAPTERS
TMP130 TRUMPOWER-TMP130 Datasheet
183Kb / 2P
130 WATT MEDICAL POWER ADAPTERS
TMP150 TRUMPOWER-TMP150 Datasheet
172Kb / 2P
150 WATT MEDICAL POWER ADAPTERS
TRM24 TRUMPOWER-TRM24 Datasheet
127Kb / 1P
12-24 Watt Medical Power Adapters
TMP180 TRUMPOWER-TMP180 Datasheet
78Kb / 2P
180 WATT MEDICAL POWER ADAPTERS
TRM30 TRUMPOWER-TRM30 Datasheet
116Kb / 1P
30 Watts Medical Power Adapters
TRM60 TRUMPOWER-TRM60 Datasheet
97Kb / 1P
30-60W Medical Power Adapters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com