Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP60 Datasheet(PDF) 2 Page - Tumbler Technologies + TRUMPower

Part # TMP60
Description  30-60 WATT MEDICAL POWER ADAPTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TMP60 Datasheet(HTML) 2 Page - Tumbler Technologies + TRUMPower

  TMP60 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TMP60 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Medical Grade
TMP60 Series
OUTPUT VOLTAGE/CURRENT RATING CHART
Maximum
Output #1
Output #2
Output #3
Output
*Product No.
Vnom.
Imin.
Imax.
Tol.
Vnom.
Imin.
Imax.
Tol.
Vnom.
Imin.
Imax.
Tol.
Power
TMP60-Sxx
11-13V
0A
5.46A
5%
(N/A)
(N/A)
60W
TMP60-Sxx
13-17V
0A
4.62A
5%
(N/A)
(N/A)
60W
TMP60-Sxx
17-21V
0A
3.53A
5%
(N/A)
(N/A)
60W
TMP60-Sxx
21-27V
0A
2.86A
5%
(N/A)
(N/A)
60W
TMP60-Sxx
27-33V
0A
2.23A
3%
(N/A)
(N/A)
60W
TMP60-Sxx
33-39V
0A
1.82A
3%
(N/A)
(N/A)
60W
TMP60-Sxx
46-50V
0A
1.31A
3%
(N/A)
(N/A)
60W
TMP60-D23
+5V
1A
5.0A
5%
+12V
0.5A
3.0A
5%
(N/A)
40W
TMP60-T30
+3.3V
1A
6.0A
5%
+5V
0.5A
3.0A
5%
+12V
0.1A
0.7A
10%
30W
TMP60-T31
+5V
1A
5.0A
5%
+12V
0.5A
3.0A
5%
-12V
0.1A
0.7A
10%
40W
TMP60-T32
+5V
1A
5.0A
5%
+15V
0.4A
2.3A
5%
-15V
0.1A
0.7A
10%
40W
TMP60-T36
+5V
1A
5.0A
5%
+24V
0.3A
1.5A
5%
+12V
0.1A
0.7A
10%
40W
Notes:
(1) For single output models: Specify the output voltage xx when ordering, e.g. TMP60-S12 for 12V output, TMP60-S19.5 for 19.5V output.
(2) Ripple and noise: Peak-to-peak with 20MHz bandwidth and 10uF tantalum capacitor in parallel with a 0.1uF ceramic capacitor at rated line
voltage and load ranges
(3) The output voltages of a multiple output model may go outside of the stated tolerance when an output load current is out of stated limits. All
models may be operated at no-load without damage.
MECHANICAL SPECIFICATIONS
NOTES:
1.
Dimensions show in inch
[mm]
2.
Tolerance 0.02 [0.5]
maximum
3.
Weight: 600 grams approx.
4.
For other output connector
options, please contact
TRUMPower.
5.
To order a model with on/off
switch, add suffix ”S” to the
model number, e.g.
TMP60-S30-S.
PIN CHART
P/N
PIN
1
2
3
4
5
TMP60-Sxx
RETURN
RETURN
OUTPUT
#1
RETURN
OUTPUT
#1
TMP60-D23
COMMOM
RETURN
COMMOM
RETURN
OUTPUT
#1
N.C.
OUTPUT
#2
TMP60-T30
TMP60-T31
TMP60-T33
TMP60-T36
COMMOM
RETURN
COMMOM
RETURN
OUTPUT
#1
OUTPUT
#3
OUTPUT
#2
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● Fax: 408-988-6622 ● email: sales@trumpower.com ● Website: www.TRUMPower.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com