Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP90 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TMP90
Description  90 WATTS MEDICAL POWER ADAPTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TMP90 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TMP90 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TMP90 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DES C RI P T I O N
The TMP90 is a series of AC/DC desktop power
adapters with 60 to 90 watts of continuous output
power. They are enclosed in a 94V-1 rated case with
an IEC 320/C14 or C18 inlet for medical and ITE
applications. All models meet EN55011, EN55022 and
FCC class B emission limits, and are designed for
medical applications.
FE AT URES
‧ Lo w safet y g r ound leaka ge curr ent
‧ IEC320 /C14 ( C lass I) or C 18 (Class II) Inlet
‧ 90 to 264 VA C w i de input range
‧ Optional output connectors
‧ Ov er v o l tage & o v ercurrent protectio ns
‧ 0.98 PFC
‧ 100 % b u rn-in
‧ Compliant w i th CEC and Energ y S tar efficienc y
le v e l IV re quirement s ( except
≤ 12 V output mode ls)
‧ No load po w e r consumpt ion less th a n 0.5W
‧ Av erage activ e efficienc y
≥ 85 %
‧ Compliant w i th RoHS req u irements
I N PU T S P E C IF IC AT ION S
Input v o lt ag e :
Input freque nc y :
Input curren t :
Earth l eakag e curr ent :
OUTPUT SPECIFICATIONS
Output voltage/current:
See rating chart
Total output power:
See rating chart
Ripple and noise:
2% peak to peak maximum
Over voltage protection:
Set at 112-140% of its nominal
output voltage
Over current protection:
Protected to short circuit
conditions
Temperature coefficient:
±0.04%/ºC maximum
Transient response:
Maximum excursion of 4% or
better on all models, recovering
to 1% of final value within 500µs
after a 25% step load change
ENVI RONME N TA L S PECI F I C AT IONS
Operating te mperature :
S t orage temperature :
Relati v e hu midit y :
Derating:
0ºC to +60ºC
- 4 0 ºC t o + 8 5 ºC
5% to 95% n on-con den sin g
Derate from 100% at +40ºC
linearly to 50% at +60ºC
Saf e t y Sta n da rd A ppr o va l s :
GENERAL SPECIFICATIONS
Switching frequency: 50 KHz - 110 KHz
Power factor:
0.98 Typical
Efficiency:
85% min. (78% min. for TMP90-05,
TMP90-06, TMP90-09 and TMP90-12)
Hold-up time:
15 msec minimum at 110VAC
Line regulation:
±0.5% maximum at full load
Inrush current:
40 amps @ 115VAC or 60 amps @
230VAC, @ 25ºC cold start
Withstand voltage:
4000VAC from input to output
1500VAC from input to ground
500VAC from output to ground
MTBF:
150,000 hours minimum at full load
at 25ºC ambient, calculated per
MIL-HDBK-217F
EMC Performance (IEC60601-1-2: 2001)
EN550 11 :
Class B conducted, Class B radiated
FCC:
Class B conducted, Class B radiated
VCCI:
Class B conducted, Class B radiated
EN61000-3- 2 :
Harmonic distortion, Class A and D
EN61000-3- 3 :
Line flicker
EN61000-4- 2 :
ESD, ±8KV air and ±6KV contact
EN61000-4- 3 :
Radiated immunity, 3V/m
EN61000-4- 4 :
Fast transient/burst, ±2KV
EN61000-4- 5 :
Surge, ±1KV diff, ±2KV com.
EN61000-4- 6 :
Conducted immunity, 3Vrms
EN61000-4- 8 :
Magnetic field immunity, 3A/m
EN61000-4- 11 :
Voltage dips, 30% reduction for 500ms,
60% reduction for 100ms and >95%
reduction for 10ms
TMP90 SERIES
UL 60601-1
CSA C22.2 No. 601.1
TÜV EN60601-1
(LVD)
RoHS
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● Fax: 408-988-6622 ● email: sales@trumpower.com ● Website: www.TRUMPower.com
TRUMPower
90 WATTS MEDICAL POWER ADAPTERS
90 to 264VAC
47 to 63Hz
1.20A (rms) for 115VAC
0.60A (rms) for 230VAC
90µA max. @ 115VAC, 60Hz
150µA max. @ 230VAC, 50Hz


Similar Part No. - TMP90

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP90C041 TOSHIBA-TMP90C041 Datasheet
324Kb / 12P
CMOS 8-Bit Microcontrollers
TMP90C041-15 TOSHIBA-TMP90C041-15 Datasheet
631Kb / 12P
CMOS 8-BIT MICROCONTROLLERS
TMP90C041A TOSHIBA-TMP90C041A Datasheet
364Kb / 12P
CMOS 8-Bit Microcontrollers
TMP90C041AF TOSHIBA-TMP90C041AF Datasheet
364Kb / 12P
CMOS 8-Bit Microcontrollers
TMP90C041AN TOSHIBA-TMP90C041AN Datasheet
364Kb / 12P
CMOS 8-Bit Microcontrollers
More results

Similar Description - TMP90

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TAM30 TRUMPOWER-TAM30 Datasheet
177Kb / 2P
30 Watts Medical Grade AC/DC Power Adapters
TMA250 TRUMPOWER-TMA250 Datasheet
136Kb / 1P
250W Medical Power Adapters
TMP65 TRUMPOWER-TMP65 Datasheet
103Kb / 2P
65 Watts Medical Grade Power Adapters
TMP92 TRUMPOWER-TMP92 Datasheet
167Kb / 2P
90 Watts Medical Grade Power Adapters
TMP105 TRUMPOWER-TMP105 Datasheet
161Kb / 2P
90-105 Watts Medical & ITE Power Adapters
TMP135 TRUMPOWER-TMP135 Datasheet
107Kb / 2P
120-135 Watts Medical & ITE Power Adapters
TMP220 TRUMPOWER-TMP220 Datasheet
112Kb / 2P
200-220 Watts Medical & ITE Power Adapters
TMP400 TRUMPOWER-TMP400 Datasheet
84Kb / 2P
400 Watts Medical & ITE Power Adapters
TRM30 TRUMPOWER-TRM30 Datasheet
116Kb / 1P
30 Watts Medical Power Adapters
TMW10 TRUMPOWER-TMW10_16 Datasheet
320Kb / 2P
6.6 to 15 Watts Medical Grade Power Adapters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com