Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP90 Datasheet(PDF) 2 Page - Tumbler Technologies + TRUMPower

Part # TMP90
Description  90 WATTS MEDICAL POWER ADAPTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TMP90 Datasheet(HTML) 2 Page - Tumbler Technologies + TRUMPower

  TMP90 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TMP90 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MEDICAL GRADE
TMP90 SERIES
OUTPUT VOLTAGE/CURRENT RATING CHART
O u t p u t
Maximum
Product No.
Vnom.
Imin.
Imax.
Tol.
Output Power
TMP90-05
5V
0A
12.0A
5%
60W
TMP90-06
6V
0A
10.0A
5%
60W
TMP90-09
9V
0A
7.78A
5%
70W
TMP90-12
12V
0A
6.67A
5%
80W
TMP90-13.5
13.5V
0A
6.3A
5%
85W
TMP90-15
15V
0A
5.67A
5%
85W
TMP90-18
18V
0A
5.0A
5%
90W
TMP90-19
19V
0A
4.74A
5%
90W
TMP90-24
24V
0A
3.75A
5%
90W
TMP90-30
30V
0A
3.0A
5%
90W
TMP90-48
48V
0A
1.87A
5%
90W
NOTES:
1. Ripple and noise: Peak-to–peak with 20MHz bandwidth and 10µF tantalum capacitor in parallel with a 0.1µF ceramic capacitor at rated line
voltage and load ranges.
2. To order a model with IEC320/C18 inlet with class II insulation, add suffix “C2” , e.g. TMP90-12-C2.
MECHANICAL SPECIFICATIONS
PIN CHART
1
2
3
4
Shell
TMP90-05
TMP90-09
TMP90-13.5
TMP90-18
TMP90-24
TMP90-48
TMP90-06
TMP90-12
TMP90-15
TMP90-19
TMP90-30
RETURN
OUTPUT +V
RETURN
OUTPUT +V
AC Ground
NOTES:
1. Dimensions show in inch [mm]
2. Tolerance 0.02 [0.5] maximum
3. Weight: 658 grams approx.
4. Standard output connector is a male 4-pin power DIN. Please contact TRUMPower for other connector options.
5. TMP90-05 and TMP90-06 output connectors are without lock.
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● Fax: 408-988-6622 ● email: sales@trumpower.com ● Website: www.TRUMPower.com
PIN
Product No.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com