Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA2000D2 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2000D2
Description  2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2000D2 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPA2000D2 Datasheet HTML 3Page - Texas Instruments TPA2000D2 Datasheet HTML 4Page - Texas Instruments TPA2000D2 Datasheet HTML 5Page - Texas Instruments TPA2000D2 Datasheet HTML 6Page - Texas Instruments TPA2000D2 Datasheet HTML 7Page - Texas Instruments TPA2000D2 Datasheet HTML 8Page - Texas Instruments TPA2000D2 Datasheet HTML 9Page - Texas Instruments TPA2000D2 Datasheet HTML 10Page - Texas Instruments TPA2000D2 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
TPA2000D2
2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
SLOS291B – MARCH 2000 – REVISED APRIL 2000
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 5
0.01
0.1
1
10
10 m
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
OUTPUT POWER
100 m
1
2
3
PO – Output Power – W
VDD = 5 V
Gain = 23.5 dB
RL = 3 Ω
1 kHz
20 kHz
20 Hz
Figure 6
1 kHz
20 kHz
20 Hz
0.1
0.01
10 m
100 m
1
10
12
3
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
OUTPUT POWER
PO – Output Power – W
VDD = 5 V
Gain = 23.5 dB
RL = 4 Ω
Figure 7
1 kHz
0.1
0.01
10 m
100 m
1
10
12
3
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
OUTPUT POWER
PO – Output Power – W
VDD = 5 V
Gain = 23.5 dB
RL = 8 Ω
20 Hz
20 kHz
Figure 8
0.1
0.01
20
100
1 k
f – Frequency – Hz
10
10 k 20 k
0.2 W
0.75 W
1.5 W
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
FREQUENCY
VDD = 5 V
Gain = 23.5 dB
RL = 4 Ω
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com