Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA2000D2 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2000D2
Description  2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2000D2 Datasheet(HTML) 3 Page - Texas Instruments

  TPA2000D2 Datasheet HTML 1Page - Texas Instruments TPA2000D2 Datasheet HTML 2Page - Texas Instruments TPA2000D2 Datasheet HTML 3Page - Texas Instruments TPA2000D2 Datasheet HTML 4Page - Texas Instruments TPA2000D2 Datasheet HTML 5Page - Texas Instruments TPA2000D2 Datasheet HTML 6Page - Texas Instruments TPA2000D2 Datasheet HTML 7Page - Texas Instruments TPA2000D2 Datasheet HTML 8Page - Texas Instruments TPA2000D2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
TPA2000D2
2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
SLOS291B – MARCH 2000 – REVISED APRIL 2000
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Function
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AGND
6
–
Analog ground
BYPASS
22
I
Tap to voltage divider for internal midsupply bias generator used for analog reference.
COSC
7
I
A capacitor connected to this terminal sets the oscillation frequency in conjunction with ROSC. For proper
operation, connect a 220 pF capacitor from COSC to ground.
GAIN0
3
I
Bit 0 of gain control (TTL logic level)
GAIN1
15
I
Bit 1 of gain control (TTL logic level)
LINN
5
I
Left channel negative differential audio input
LINP
20
I
Left channel positive differential audio input
LOUTN
2
O
Left channel negative audio output
LOUTP
23
O
Left channel positive audio output
PGND
1, 24
–
Power ground for left channel H-bridge
PGND
12, 13
–
Power ground for right channel H-bridge
PVDD
4, 21
–
Power supply for left channel H-bridge
PVDD
9, 16
–
Power supply for right channel H-bridge
RINN
8
I
Right channel negative differential audio input
RINP
17
I
Right channel positive differential audio input
ROSC
18
I
A resistor connected to this terminal sets the oscillation frequency in conjunction with COSC. For proper
operation, connect a 120 k
Ω resistor from ROSC to ground.
ROUTN
11
O
Right channel negative audio output
ROUTP
14
O
Right channel positive output
SHUTDOWN
10
I
Places the amplifier in shutdown mode if a TTL logic low is placed on this terminal; normal operation if a TTL
logic high is placed on this terminal.
VDD
19
–
Analog power supply
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
Supply voltage, VDD, PVDD
–0.3 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
–0.3 V to VDD+0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
–40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating junction temperature range, TJ
–40
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 125°C
POWER RATING
PWP
2.7 W
21.8 mW/
°C
1.7 W
1.4 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com