Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3P2183AF-08ST Datasheet(PDF) 4 Page - PulseCore Semiconductor

Part # ASM3P2183AF-08ST
Description  EMI Reduction IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P2183AF-08ST Datasheet(HTML) 4 Page - PulseCore Semiconductor

  ASM3P2183AF-08ST Datasheet HTML 1Page - PulseCore Semiconductor ASM3P2183AF-08ST Datasheet HTML 2Page - PulseCore Semiconductor ASM3P2183AF-08ST Datasheet HTML 3Page - PulseCore Semiconductor ASM3P2183AF-08ST Datasheet HTML 4Page - PulseCore Semiconductor ASM3P2183AF-08ST Datasheet HTML 5Page - PulseCore Semiconductor ASM3P2183AF-08ST Datasheet HTML 6Page - PulseCore Semiconductor ASM3P2183AF-08ST Datasheet HTML 7Page - PulseCore Semiconductor ASM3P2183AF-08ST Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
March 2007
ASM3P2183A
rev 1.7
EMI Reduction IC
4 of 8
Notice: The information in this document is subject to change without notice.
DC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input low voltage
VSS – 0.3
-
0.8
V
VIH
Input high voltage
2.0
-
VDD + 0.3
V
IIL
Input low current
-
-
-35
µA
IIH
Input high current
-
-
35
µA
IXOL
XOUT Output low current
(@ 0.4V, VDD = 3.3V)
-
3
-
mA
IXOH
XOUT Output high current
(@ 2.5V, VDD = 3.3V)
-
3
-
mA
VOL
Output low voltage (VDD = 3.3V, IOL = 20mA)
-
-
0.4
V
VOH
Output high voltage (VDD = 3.3V, IOH = 20mA)
2.5
-
-
V
ICC
Dynamic supply current
Normal mode (3.3V,90MHz and 10pF loading)
-
28
-
mA
IDD
Static supply current *
-
7.0
-
mA
VDD
Operating voltage
3.0
3.3
3.6
V
tON
Power up time (first locked clock cycle after power up)
-
0.18
-
mS
ZOUT
Clock out impedance
-
50
-
Ω
* XIN /CLKIN pin is pulled low
AC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
fIN
Input frequency
6
-
90
MHz
ModOUT
Output frequency
6
-
90
MHz
tLH*
Output rise time (measured at 0.8V to 2.0V)
0.3
0.9
1.1
nS
tHL*
Output fall time (measured at 2.0V to 0.8V)
0.5
1.0
1.2
nS
tJC
Jitter (cycle to cycle)
-
-
200
pS
TD
Output duty cycle
45
50
55
%
* tLH and tHL are measured with a capacitive load of 15pF at 27MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com