Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3P2183AF-08ST Datasheet(PDF) 1 Page - PulseCore Semiconductor

Part # ASM3P2183AF-08ST
Description  EMI Reduction IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P2183AF-08ST Datasheet(HTML) 1 Page - PulseCore Semiconductor

  ASM3P2183AF-08ST Datasheet HTML 1Page - PulseCore Semiconductor ASM3P2183AF-08ST Datasheet HTML 2Page - PulseCore Semiconductor ASM3P2183AF-08ST Datasheet HTML 3Page - PulseCore Semiconductor ASM3P2183AF-08ST Datasheet HTML 4Page - PulseCore Semiconductor ASM3P2183AF-08ST Datasheet HTML 5Page - PulseCore Semiconductor ASM3P2183AF-08ST Datasheet HTML 6Page - PulseCore Semiconductor ASM3P2183AF-08ST Datasheet HTML 7Page - PulseCore Semiconductor ASM3P2183AF-08ST Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
March 2007
ASM3P2183A
rev 1.7
Notice: The information in this document is subject to change without notice.
PulseCore Semiconductor Corporation
1715 S. Bascom Ave Suite 200, Campbell, CA 95008
• Tel: 408-879-9077 • Fax: 408-879-9018
www.pulsecoresemi.com
EMI Reduction IC
Features
•
FCC approved method of EMI attenuation.
•
Provides up to 15dB EMI reduction.
•
Generates a 1X low EMI spread spectrum clock of
the input frequency.
•
Input frequency range: 6MHz to 90MHz.
•
Internal loop filter minimizes external components
and board space.
•
Selectable spread options: Down and Center Spread
•
2 spread frequency deviation selections:
•
-1.25% or ± 0.42%
•
Low inherent cycle-to-cycle jitter.
•
Supply Voltage: 3.3 V ± 0.3V.
•
Low power CMOS design.
•
Supports notebook VGA and other LCD timing
controller applications.
•
Products are available for Industrial temperature
range.
•
Available in 8-pin SOIC and TSSOP Packages.
Product Description
The ASM3P2183A is a versatile spread spectrum
frequency modulators designed specifically for a wide
range of input clock frequencies from 6MHz to 90MHz.
(Refer Input Frequency and Modulation Rate Table). The
ASM3P2183A can generate an EMI reduced clock from
an OSC or a system generated clock. The ASM3P2183A
offers a Down Spread clock with a percentage deviation
of -1.25% and a Center Spread clock with a percentage
deviation of ± 0.42%.
The ASM3P2183A reduces electromagnetic interference
(EMI) at the clock source, allowing system wide reduction
of EMI of
down stream clock and data dependent
signals. The ASM3P2183A allows significant system cost
savings by reducing the number of circuit board layers
ferrite beads, shielding and other passive components
that are traditionally required to pass EMI regulations.
The ASM3P2183A uses the most efficient and optimized
modulation profile approved by the FCC and is
implemented in a proprietary all digital method.
The ASM3P2183A modulates the output of a single PLL
in order to “spread” the bandwidth of a synthesized clock,
and more importantly, decreases the peak amplitudes of
its harmonics. This results in significantly lower system
EMI compared to the typical narrow band signal produced
by oscillators and most frequency generators. Lowering
EMI by increasing a signal’s bandwidth is called ‘spread
spectrum clock generation’.
Applications
The ASM3P2183A is targeted towards EMI management
for memory and LVDS interfaces in mobile graphic
chipsets and high-speed digital applications such as PC
peripheral devices, consumer electronics, and embedded
controller systems.


Similar Part No. - ASM3P2183AF-08ST

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ASM3P2183AF-08ST ONSEMI-ASM3P2183AF-08ST Datasheet
121Kb / 6P
EMI Reduction IC
August, 2011 ??Rev. 3
More results

Similar Description - ASM3P2183AF-08ST

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2185A ALSC-ASM3P2185A Datasheet
388Kb / 7P
EMI Reduction IC
ASM3P2183A ALSC-ASM3P2183A Datasheet
177Kb / 8P
EMI Reduction IC
ASM3P2185B ALSC-ASM3P2185B Datasheet
174Kb / 7P
EMI Reduction IC
P2041A ALSC-P2041A Datasheet
285Kb / 9P
Versatile EMI Reduction IC
logo
PulseCore Semiconductor
P2041A PULSECORE-P2041A Datasheet
183Kb / 8P
Versatile EMI Reduction IC
logo
ON Semiconductor
ASM3P2183A ONSEMI-ASM3P2183A Datasheet
121Kb / 6P
EMI Reduction IC
August, 2011 ??Rev. 3
PCS3P622Z05B ONSEMI-PCS3P622Z05B Datasheet
168Kb / 13P
Peak EMI Reduction IC
August, 2011 ??Rev. P2
P3P622S01J ONSEMI-P3P622S01J Datasheet
135Kb / 6P
Peak EMI Reduction IC
October, 2014 ??Rev. 2
PCS3P623Z05A ONSEMI-PCS3P623Z05A Datasheet
173Kb / 13P
Peak EMI Reduction IC
August, 2011 ??Rev. P2
P2041A ONSEMI-P2041A Datasheet
112Kb / 7P
Versatile EMI Reduction IC
August, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com