Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3P622S00AG-08-ST Datasheet(PDF) 4 Page - PulseCore Semiconductor

Part # ASM3P622S00AG-08-ST
Description  Low Frequency Timing-Safe??Peak EMI reduction IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P622S00AG-08-ST Datasheet(HTML) 4 Page - PulseCore Semiconductor

  ASM3P622S00AG-08-ST Datasheet HTML 1Page - PulseCore Semiconductor ASM3P622S00AG-08-ST Datasheet HTML 2Page - PulseCore Semiconductor ASM3P622S00AG-08-ST Datasheet HTML 3Page - PulseCore Semiconductor ASM3P622S00AG-08-ST Datasheet HTML 4Page - PulseCore Semiconductor ASM3P622S00AG-08-ST Datasheet HTML 5Page - PulseCore Semiconductor ASM3P622S00AG-08-ST Datasheet HTML 6Page - PulseCore Semiconductor ASM3P622S00AG-08-ST Datasheet HTML 7Page - PulseCore Semiconductor ASM3P622S00AG-08-ST Datasheet HTML 8Page - PulseCore Semiconductor ASM3P622S00AG-08-ST Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
May 2007
ASM3P622S00A/B/J/E/K
rev 0.4
Low Frequency Timing-Safe™ Peak EMI Reduction IC
4 of 16
Notice: The information in this document is subject to change without notice.
Pin Description for ASM3P622S00J
Pin #
Pin Name
Description
1
XIN/CLKIN
Crystal connection or external reference frequency input. This pin has dual functions. It
can be connected either to an external crystal or an external reference clock.
2
XOUT
Crystal connection. If using an external reference, this pin must be left unconnected.
3
SS%
2
Spread Spectrum Selection
4
GND
Ground
5
SSON
2
Spread Spectrum enable and disable option When SSON is HIGH, the spread
spectrum is enabled and when LOW, it turns off the spread spectrum.
6
CLKOUT
1
Buffered clock output
7
VDD
3.3V supply
8
NC
No Connect
Notes: 1. Weak pull-down on all outputs
2. Weak pull-up on these Inputs
3. Buffered clock output is Timing-Safe™
Pin Description for ASM3P622S00E
Pin #
Pin Name
Description
1
CLKIN
Input reference frequency, 5V tolerant input
2
CLKOUT1
1
Buffered clock output
3
VDD
3.3V supply
4
SS%
2
Spread Spectrum Selection
5
GND
Ground
6
CLKOUT2
1
Buffered clock output
7
CLKOUT3
1
Buffered clock output
8
DLY CNTRL
The pin is used to skew the outputs such that they align with the input. The skew is
in the range of 100-200pS
9
SSON
3
Spread Spectrum enable and disable option. When SSON is HIGH, the spread
spectrum is enabled and when LOW, it turns off the spread spectrum.
10
CLKOUT4
1
Buffered clock output
11
CLKOUT5
1
Buffered clock output
12
GND
Ground
13
VDD
3.3V supply
14
CLKOUT6
1
Buffered clock output
15
CLKOUT7
1
Buffered clock output
16
CLKOUT
1
Buffered clock output
Notes: 1. Weak pull-down on all outputs
2. Weak pull-up on these Inputs
3. Buffered clock outputs are Timing-Safe™



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com