Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3P622S00AG-08-ST Datasheet(PDF) 1 Page - PulseCore Semiconductor

Part # ASM3P622S00AG-08-ST
Description  Low Frequency Timing-Safe??Peak EMI reduction IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P622S00AG-08-ST Datasheet(HTML) 1 Page - PulseCore Semiconductor

  ASM3P622S00AG-08-ST Datasheet HTML 1Page - PulseCore Semiconductor ASM3P622S00AG-08-ST Datasheet HTML 2Page - PulseCore Semiconductor ASM3P622S00AG-08-ST Datasheet HTML 3Page - PulseCore Semiconductor ASM3P622S00AG-08-ST Datasheet HTML 4Page - PulseCore Semiconductor ASM3P622S00AG-08-ST Datasheet HTML 5Page - PulseCore Semiconductor ASM3P622S00AG-08-ST Datasheet HTML 6Page - PulseCore Semiconductor ASM3P622S00AG-08-ST Datasheet HTML 7Page - PulseCore Semiconductor ASM3P622S00AG-08-ST Datasheet HTML 8Page - PulseCore Semiconductor ASM3P622S00AG-08-ST Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
May 2007
ASM3P622S00A/B/J/E/K
rev 0.4
Notice: The information in this document is subject to change without notice.
PulseCore Semiconductor Corporation
1715 S. Bascom Ave Suite 200 Campbell, CA 95008
• Tel: 408-879-9077 • Fax: 408-879-9018
www.pulsecoresemi.com
Low Frequency Timing-Safe™ Peak EMI reduction IC
General Features
•
Low Frequency Clock distribution with Timing-
Safe™ Peak EMI Reduction
•
Input frequency range: 4MHz - 20MHz
•
Zero input - output propagation delay
•
Low-skew outputs
• Output-output skew less than 250pS
• Device-device skew less than 700pS
•
Less than 200pS cycle-to-cycle jitter
•
Available in 16pin, 150mil SOIC, 4.4mm TSSOP
(ASM3P622S00E/K), and in 8pin, 150 mil SOIC,
4.4mm TSSOP Packages (ASM3P622S00A/B/J)
•
3.3V Operation
•
Industrial temperature range
•
Advanced CMOS technology
•
The First True Drop-in Solution
Functional Description
ASM3P622S00A/B/J/E/K is a versatile, 3.3V Zero-delay
buffer designed to distribute low frequency Timing-Safe™
clocks with Peak EMI reduction. ASM3P622S00E/K
accepts one reference input and drives out eight low-skew
clocks. It is available in a 16pin Package. The
ASM3P622S00A/B/J is the eight-pin version and accepts
one reference input and drives out one low-skew clock.
All parts have on-chip PLLs that lock to an input clock on
the XIN/CLKIN pin. The PLL feedback is on-chip and is
obtained from the CLKOUT pad, internal to the device.
Multiple ASM3P622S00E/K devices can accept the same
input clock and distribute it. In this case, the skew between
the outputs of the two devices is guaranteed to be less than
700pS.
All outputs have less than 200pS of Cycle-to-cycle jitter.
The input and output propagation delay is guaranteed to be
less than ±350pS, and the output-to-output skew is
guaranteed to be less than 250pS.
Refer
“Spread Spectrum Control and Input-Output Skew
Table”
for deviations and Input-Output Skew for
ASM3P622S00A/B/J and ASM3P622S00E/K devices
The ASM3P622S00A/B/J and ASM3P622S00E/K are
available in two different packages, as shown in the
ordering information table.
Block Diagram
GND
Reference
Divider
Feedback
Divider
Modulation
Phase
Detector
Loop
Filter
VCO
Feedforward
Divider
PLL
VDD
CLKOUT
SSON
SS%
XIN/CLKIN
Crystal
Oscillator
XOUT


Similar Part No. - ASM3P622S00AG-08-ST

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM3P622S00B PULSECORE-ASM3P622S00B Datasheet
550Kb / 15P
Low Frequency Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
ASM3P622S00B ONSEMI-ASM3P622S00B Datasheet
177Kb / 13P
Low Frequency Peak EMI Reduction IC
August, 2011 ??Rev. P2
logo
PulseCore Semiconductor
ASM3P622S00BF-08-SR PULSECORE-ASM3P622S00BF-08-SR Datasheet
550Kb / 15P
Low Frequency Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
ASM3P622S00BF-08-SR ONSEMI-ASM3P622S00BF-08-SR Datasheet
177Kb / 13P
Low Frequency Peak EMI Reduction IC
August, 2011 ??Rev. P2
logo
PulseCore Semiconductor
ASM3P622S00BF-08-ST PULSECORE-ASM3P622S00BF-08-ST Datasheet
550Kb / 15P
Low Frequency Timing-Safe??Peak EMI reduction IC
More results

Similar Description - ASM3P622S00AG-08-ST

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM3P622S00B PULSECORE-ASM3P622S00B Datasheet
550Kb / 15P
Low Frequency Timing-Safe??Peak EMI reduction IC
ASM3P622S01B PULSECORE-ASM3P622S01B Datasheet
489Kb / 12P
Low Frequency Timing-Safe??Peak EMI reduction IC
ASM3P623S00B PULSECORE-ASM3P623S00B Datasheet
550Kb / 15P
Timing-Safe??Peak EMI reduction IC
PCS3P622S04J PULSECORE-PCS3P622S04J Datasheet
559Kb / 10P
Low Frequency Timing-Safe??Peak EMI reduction IC
PCS3P622Z05B PULSECORE-PCS3P622Z05B Datasheet
552Kb / 15P
Low Frequency Timing-Safe??Peak EMI reduction IC
PCS3P624Z05B PULSECORE-PCS3P624Z05B Datasheet
551Kb / 15P
High Frequency Timing-Safe??Peak EMI reduction IC
PCS3P625Z05B PULSECORE-PCS3P625Z05B Datasheet
552Kb / 15P
High Frequency Timing-Safe??Peak EMI reduction IC
PCS5P23Z05B PULSECORE-PCS5P23Z05B Datasheet
679Kb / 14P
Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
P3PS850BHG-08CR ONSEMI-P3PS850BHG-08CR Datasheet
184Kb / 12P
Timing-Safe Peak EMI Reduction IC
January, 2012 ??Rev. 1
P3P623S05A ONSEMI-P3P623S05A_14 Datasheet
147Kb / 8P
Timing-Safe Peak EMI Reduction IC
October, 2014 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com