Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA701D Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPA701D
Description  700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA701D Datasheet(HTML) 1 Page - Texas Instruments

  TPA701D Datasheet HTML 1Page - Texas Instruments TPA701D Datasheet HTML 2Page - Texas Instruments TPA701D Datasheet HTML 3Page - Texas Instruments TPA701D Datasheet HTML 4Page - Texas Instruments TPA701D Datasheet HTML 5Page - Texas Instruments TPA701D Datasheet HTML 6Page - Texas Instruments TPA701D Datasheet HTML 7Page - Texas Instruments TPA701D Datasheet HTML 8Page - Texas Instruments TPA701D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
TPA701
700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
SLOS229B – NOVEMBER1998 – REVISED MARCH 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Fully Specified for 3.3-V and 5-V Operation
D Wide Power Supply Compatibility
2.5 V – 5.5 V
D Output Power for RL = 8 Ω
– 700 mW at VDD = 5 V, BTL
– 250 mW at VDD = 3.3 V, BTL
D Ultra-Low Quiescent Current in Shutdown
Mode . . . 1.5 nA
D Thermal and Short-Circuit Protection
D Surface-Mount Packaging
– SOIC
– PowerPAD
™ MSOP
description
The TPA701 is a bridge-tied load (BTL) audio power amplifier developed especially for low-voltage applications
where internal speakers are required. Operating with a 3.3-V supply, the TPA701 can deliver 250-mW of
continuous power into a BTL 8-
Ω load at less than 0.6% THD+N throughout voice band frequencies. Although
this device is characterized out to 20 kHz, its operation was optimized for narrower band applications such as
wireless communications. The BTL configuration eliminates the need for external coupling capacitors on the
output in most applications, which is particularly important for small battery-powered equipment. This device
features a shutdown mode for power-sensitive applications with a supply current of 1.5 nA during shutdown.
The TPA701 is available in an 8-pin SOIC surface-mount package and the surface-mount PowerPAD MSOP,
which reduces board space by 50% and height by 40%.
Audio
Input
Bias
Control
VDD
700 mW
6
5
7
VO+
VDD
1
2
4
BYPASS
IN –
VDD/2
CI
RI
CS
CB
RF
SHUTDOWN
VO–8
GND
From System Control
3
IN+
–
+
–
+
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
8
7
6
5
SHUTDOWN
BYPASS
IN+
IN–
VO–
GND
VDD
VO+
D OR DGN PACKAGE
(TOP VIEW)
PowerPAD is a trademark of Texas Instruments.


Similar Part No. - TPA701D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA701D TI-TPA701D Datasheet
726Kb / 25P
700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701DG4 TI-TPA701DG4 Datasheet
726Kb / 25P
700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701DGN TI-TPA701DGN Datasheet
726Kb / 25P
700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701DGNG4 TI-TPA701DGNG4 Datasheet
726Kb / 25P
700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701DGNR TI-TPA701DGNR Datasheet
726Kb / 25P
700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
More results

Similar Description - TPA701D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA711 TI-TPA711 Datasheet
515Kb / 32P
700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI-TPA721 Datasheet
329Kb / 22P
700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA741 TI-TPA741 Datasheet
337Kb / 22P
700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA701 TI-TPA701_07 Datasheet
726Kb / 25P
700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711 TI-TPA711_07 Datasheet
945Kb / 37P
700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI-TPA721_07 Datasheet
688Kb / 24P
700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701 TI-TPA701_15 Datasheet
896Kb / 29P
700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711 TI-TPA711_15 Datasheet
1Mb / 39P
700-MW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI-TPA721_15 Datasheet
774Kb / 28P
700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI1-TPA721_16 Datasheet
1Mb / 28P
700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com