Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA701D Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPA701D
Description  700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA701D Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPA701D Datasheet HTML 14Page - Texas Instruments TPA701D Datasheet HTML 15Page - Texas Instruments TPA701D Datasheet HTML 16Page - Texas Instruments TPA701D Datasheet HTML 17Page - Texas Instruments TPA701D Datasheet HTML 18Page - Texas Instruments TPA701D Datasheet HTML 19Page - Texas Instruments TPA701D Datasheet HTML 20Page - Texas Instruments TPA701D Datasheet HTML 21Page - Texas Instruments TPA701D Datasheet HTML 22Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
TPA701
700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
SLOS229B – NOVEMBER1998 – REVISED MARCH 2000
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MECHANICAL DATA
DGN (S-PDSO-G8)
PowerPAD
™ PLASTIC SMALL-OUTLINE PACKAGE
0,69
0,41
0,25
Thermal Pad
(See Note D)
0,15 NOM
Gage Plane
4073271/A 04/98
4,98
0,25
5
3,05
4,78
2,95
8
4
3,05
2,95
1
0,38
0,15
0,05
1,07 MAX
Seating Plane
0,10
0,65
M
0,25
0
°–6°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions include mold flash or protrusions.
D. The package thermal performance may be enhanced by attaching an external heat sink to the thermal pad.
This pad is electrically and thermally connected to the backside of the die and possibly selected leads.
E. Falls within JEDEC MO-187
PowerPAD is a trademark of Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com