Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPIC0107 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPIC0107
Description  PWM CONTROL INTELLIGENT H-BRIDGE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC0107 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPIC0107 Datasheet HTML 6Page - Texas Instruments TPIC0107 Datasheet HTML 7Page - Texas Instruments TPIC0107 Datasheet HTML 8Page - Texas Instruments TPIC0107 Datasheet HTML 9Page - Texas Instruments TPIC0107 Datasheet HTML 10Page - Texas Instruments TPIC0107 Datasheet HTML 11Page - Texas Instruments TPIC0107 Datasheet HTML 12Page - Texas Instruments TPIC0107 Datasheet HTML 13Page - Texas Instruments TPIC0107 Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
TPIC0107B
PWM CONTROL INTELLIGENT H-BRIDGE
SLIS067 – NOVEMBER 1998
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MECHANICAL DATA
DWP (R-PDSO-G**)
PowerPAD
™ PLASTIC SMALL-OUTLINE PACKAGE
Gage Plane
0.419 (10,65)
0.400 (10,16)
0.010 (0,25) NOM
Thermal Pad
(See Note D)
0.010 (0,25)
0.016 (0,40)
0.050 (1,27)
Seating Plane
4147575/A 02/98
11
10
A
20-PIN SHOWN
20
1
0.104 (2,65) MAX
0.293 (7,45)
0.299 (7,59)
0.020 (0,51)
0.014 (0,35)
0.004 (0,10)
M
0.010 (0,25)
0.050 (1,27)
0
°–8°
0.710
28
0.510
20
0.610
24
0.700
(18,03)
(17,78)
0.500
(15,49)
(15,24)
0.600
0.410
16
DIM
PINS **
(10,41)
(10,16)
0.400
A MIN
A MAX
(12,95)
(12,70)
0.006 (0,15)
0.002 (0,05)
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0.006 (0,15).
D. The package thermal performance may be enhanced by bonding the thermal pad to an external thermal plane. This pad is electrically
and thermally connected to the backside of the die and possibly selected leads.
PowerPAD is a trademark of Texas Instruments Incorporated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com