Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPIC0107 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPIC0107
Description  PWM CONTROL INTELLIGENT H-BRIDGE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC0107 Datasheet(HTML) 2 Page - Texas Instruments

  TPIC0107 Datasheet HTML 1Page - Texas Instruments TPIC0107 Datasheet HTML 2Page - Texas Instruments TPIC0107 Datasheet HTML 3Page - Texas Instruments TPIC0107 Datasheet HTML 4Page - Texas Instruments TPIC0107 Datasheet HTML 5Page - Texas Instruments TPIC0107 Datasheet HTML 6Page - Texas Instruments TPIC0107 Datasheet HTML 7Page - Texas Instruments TPIC0107 Datasheet HTML 8Page - Texas Instruments TPIC0107 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TPIC0107B
PWM CONTROL INTELLIGENT H-BRIDGE
SLIS067 – NOVEMBER 1998
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
block diagram
Logic
5 V
Reg.
Charge
Pump
(2 MHz)
Over-
Current
Protection
HSD
DMOS
Driver
Open-
Circuit
Detect
Under-
Voltage
Detection
Over-
Temperature
Detection
DMOS
Driver
Over-
Current
Protection
LSD
Over-
Voltage
Detection
DMOS
Driver
DMOS
Driver
OUT2
OUT1
DMOS
Driver
Load-Dump
Protection
GND
PWM
DIR
STATUS1
STATUS2
VCC
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
DIR
3
I
Direction control input
GND
7, 9,
12, 14
I
Power ground
GNDS
1, 10,
11, 20
I
Substrate ground
OUT1
5, 6
O
Half-H output. DMOS output
OUT2
15, 16
O
Half-H output. DMOS output
PWM
8
I
PWM control input
STATUS1
13
O
Status output
STATUS2
18
O
Latched status output
VCC
2, 4,
17, 19
I
Supply voltage
NOTE: It is mandatory that all four ground terminals plus at least one substrate terminal are connected to the system ground. Use all VCC and
OUT terminals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com