Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3P4200A Datasheet(PDF) 1 Page - PulseCore Semiconductor

Part # ASM3P4200A
Description  Multi-Output Custom Clock Generator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P4200A Datasheet(HTML) 1 Page - PulseCore Semiconductor

  ASM3P4200A Datasheet HTML 1Page - PulseCore Semiconductor ASM3P4200A Datasheet HTML 2Page - PulseCore Semiconductor ASM3P4200A Datasheet HTML 3Page - PulseCore Semiconductor ASM3P4200A Datasheet HTML 4Page - PulseCore Semiconductor ASM3P4200A Datasheet HTML 5Page - PulseCore Semiconductor ASM3P4200A Datasheet HTML 6Page - PulseCore Semiconductor ASM3P4200A Datasheet HTML 7Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
July 2006
ASM3P4200A
rev 0.2
Notice: The information in this document is subject to change without notice.
PulseCore Semiconductor Corporation
1715 S. Bascom Ave Suite 200 Campbell, CA 95008
• Tel: 408-879-9077 • Fax: 408-879-9018
www.pulsecoresemi.com
Multi-Output Custom Clock Generator
Features
• Generates seven clock outputs from an inexpensive
20MHz crystal or external reference clock.
• Output Frequencies are selectable through select bits
• Generates an EMI optimized clock signal at the output.
• ±1.5% (Typ) Centre Spread for Spread Spectrum
Clock Outputs
• Operates with a 3.3V ± 5% Supply Voltage
• Available in 28-pin TSSOP.
Product Description
The ASM3P4200A is a versatile multi output custom
clock generator. The seven high frequency Clock outputs
are generated using an inexpensive 20MHz Crystal or
external reference clock. The accuracy of the 20MHz
Input Clock should be within ±50ppm. The output clocks
consist of a low EMI spread spectrum clock and other
non-spread clocks. Three Select bits choose the
combination of Output Clock Frequency. Refer to the
Output Frequency Selection Table for the values. The
device operates from a Supply Voltage of 3.3V± 5%
with a tolerable ripple voltage of 50mV . The device is
available in a 28 pin TSSOP JEDEC package.
Block Diagram
CLK1
Crystal
Oscillator
XIN / CLK
XOUT
CLK2
CLK3
CLK4
VDD
GND
OE
CLK7
CLK6
CLK9
CLK8
S0 S1 S2
PLL


Similar Part No. - ASM3P4200A

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM3P4201A PULSECORE-ASM3P4201A Datasheet
327Kb / 7P
Multi-Output Custom Clock Generator
ASM3P4201AG-28-TR PULSECORE-ASM3P4201AG-28-TR Datasheet
327Kb / 7P
Multi-Output Custom Clock Generator
ASM3P4201AG-28-TT PULSECORE-ASM3P4201AG-28-TT Datasheet
327Kb / 7P
Multi-Output Custom Clock Generator
More results

Similar Description - ASM3P4200A

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PLL1700 BURR-BROWN-PLL1700 Datasheet
137Kb / 9P
MULTI-CLOCK GENERATOR
logo
Nippon Precision Circui...
SM8720AV NPC-SM8720AV Datasheet
117Kb / 6P
3-PLL Multi-Output Clock Generator
SM8721AB NPC-SM8721AB Datasheet
83Kb / 8P
3-PLL Multi-Output Clock Generator
logo
PulseCore Semiconductor
ASM3P4201A PULSECORE-ASM3P4201A Datasheet
327Kb / 7P
Multi-Output Custom Clock Generator
PCS1P2857A PULSECORE-PCS1P2857A Datasheet
374Kb / 8P
Multi-Output Clock Generator
PCS1P2858A PULSECORE-PCS1P2858A_1 Datasheet
347Kb / 7P
Multi-Output Clock Generator
logo
Asahi Kasei Microsystem...
AK8128S AKM-AK8128S Datasheet
395Kb / 10P
Multi Clock Generator
AK8146A AKM-AK8146A Datasheet
399Kb / 6P
Multi Clock Generator
AK8132A AKM-AK8132A Datasheet
357Kb / 11P
Multi Clock Generator
logo
ON Semiconductor
PCS1P2858A ONSEMI-PCS1P2858A Datasheet
102Kb / 6P
Multi-Output Clock Generator
August, 2011 ??Rev. P2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com