Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3P4200A Datasheet(PDF) 2 Page - PulseCore Semiconductor

Part # ASM3P4200A
Description  Multi-Output Custom Clock Generator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P4200A Datasheet(HTML) 2 Page - PulseCore Semiconductor

  ASM3P4200A Datasheet HTML 1Page - PulseCore Semiconductor ASM3P4200A Datasheet HTML 2Page - PulseCore Semiconductor ASM3P4200A Datasheet HTML 3Page - PulseCore Semiconductor ASM3P4200A Datasheet HTML 4Page - PulseCore Semiconductor ASM3P4200A Datasheet HTML 5Page - PulseCore Semiconductor ASM3P4200A Datasheet HTML 6Page - PulseCore Semiconductor ASM3P4200A Datasheet HTML 7Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
July 2006
ASM3P4200A
rev 0.2
Multi-Output Custom Clock Generator
2 of 7
Notice: The information in this document is subject to change without notice.
Pin Assignment
Output Frequency Selection Table
Selection
Bits
S2
S1
S0
CLK1
(MHz)
CLK2
(MHz)
CLK3
(MHz)
CLK4
(MHz)
CLK5
(MHz)
CLK6
(MHz)
CLK7
(MHz)
CLK8*
(MHz)
CLK9*
(MHz)
0
0
0
20
36.6
31.6
39.5
OFF
84
63
50
20
0
0
1
20
36.6
31.6
39.5
OFF
84
63
60
20
0
1
0
20
36.6
31.6
39.5
OFF
36
63
50
20
0
1
1
20
36.6
31.6
39.5
OFF
84
63
75
20
1
0
0
-
-
-
-
-
-
-
-
-
1
0
1
-
-
-
-
-
-
-
-
-
1
1
0
-
-
-
-
-
-
-
-
-
1
1
1
-
-
-
-
-
-
-
-
-
* CLK8 and CLK9 are Spread Spectrum Clocks
16pi TSSOP
ASM3P4200A
XOUT
GND
S2
CLK9
VCC
GND
CLK8
OE
21
22
24
25
26
27
28
23
VCC
CLK2
VCC
S0
S1
XIN / CLK
VCC
CLK1
8
7
5
4
3
2
1
6
CLK5
VCC
CLK4
GND
VCC
CLK3
14
13
11
10
9
12
CLK7
GND
CLK6
VCC
GND
GND
15
16
18
19
20
17
28 pin TSSOP



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com