Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1817B Datasheet(PDF) 3 Page - PulseCore Semiconductor

Part # P1817B
Description  Low-Power Mobile VGA EMI Reduction IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

P1817B Datasheet(HTML) 3 Page - PulseCore Semiconductor

  P1817B Datasheet HTML 1Page - PulseCore Semiconductor P1817B Datasheet HTML 2Page - PulseCore Semiconductor P1817B Datasheet HTML 3Page - PulseCore Semiconductor P1817B Datasheet HTML 4Page - PulseCore Semiconductor P1817B Datasheet HTML 5Page - PulseCore Semiconductor P1817B Datasheet HTML 6Page - PulseCore Semiconductor P1817B Datasheet HTML 7Page - PulseCore Semiconductor P1817B Datasheet HTML 8Page - PulseCore Semiconductor P1817B Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
February 2007
P1817A/B
rev 1.1
Low-Power Mobile VGA EMI Reduction IC
3 of 10
Notice: The information in this document is subject to change without notice.
Standby Mode Selection
CLKIN
SSON/SBM
Spread
Spectrum
ModOUT
PLL
Mode
Disabled
0
N/A
Disabled
Disabled
Standby
Disabled
1
N/A
Disabled
Free Running
Free Running
Enabled
0
Off
Reference
Disabled
Buffer out
Enabled
1
On
Normal
Normal
Normal
Spread Range Selection, VDD = 5V
SR1
SR0
Spreading Range
Modulation Rate
0
0
± 1.50%
(FIN/80) * 34.72 KHz
0
1
± 2.50%
(FIN/80) * 34.72 KHz
1
0
± 0.50%
(FIN/80) * 34.72 KHz
1
1
± 1.00%
(FIN/80) * 34.72 KHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com